Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC10H170SFJ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMHC10H170SFJ
Description  100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC10H170SFJ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMHC10H170SFJ Datasheet HTML 1Page - Diodes Incorporated DMHC10H170SFJ Datasheet HTML 2Page - Diodes Incorporated DMHC10H170SFJ Datasheet HTML 3Page - Diodes Incorporated DMHC10H170SFJ Datasheet HTML 4Page - Diodes Incorporated DMHC10H170SFJ Datasheet HTML 5Page - Diodes Incorporated DMHC10H170SFJ Datasheet HTML 6Page - Diodes Incorporated DMHC10H170SFJ Datasheet HTML 7Page - Diodes Incorporated DMHC10H170SFJ Datasheet HTML 8Page - Diodes Incorporated DMHC10H170SFJ Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DMHC10H170SFJ
Document number: DS37571 Rev. 4 - 2
2 of 10
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DMHC10H170SFJ
Maximum Ratings Q1 & Q4 N-Channel (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
2.9
2.3
A
Maximum Body Diode Forward Current (Note 5)
IS
2.5
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
13
A
Maximum Ratings Q2 & Q3 P-Channel (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-2.3
-1.9
A
Maximum Body Diode Forward Current (Note 5)
IS
-2.3
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
-11
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
2.1
W
Thermal Resistance, Junction to Ambient (Note 5)
RJA
60
°C/W
Thermal Resistance, Junction to Case (Note 5)
RJC
6
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com