Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD776 Datasheet (PDF) - Motorola, Inc

BD776 Datasheet PDF - Motorola, Inc
Part # BD776
Download  BD776 Download
File Size   117.0 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Plastic Darlington Complementary Silicon Power Transistors

BD776 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD776 Datasheet PDF - Motorola, Inc

Part # BD776
Download  BD776 Click to download

File Size   117.0 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Plastic Darlington Complementary Silicon Power Transistors

BD776 Datasheet (HTML) - Motorola, Inc


BD776 Product details



Plastic Darlington Complementary Silicon Power Transistors

. . . designed for general purpose amplifier and high–speed switching applications.

• High DC Current Gain hFE= 1400 (Typ) @ IC= 2.0 Adc

• Collector–Emitter Sustaining Voltage — @ 10 mAdc

      VCEO(sus)= 45 Vdc (Min) — BD776 

      VCEO(sus) = 60 Vdc (Min) — BD777, 778

      VCEO(sus) = 80 Vdc (Min) — BD780

• Reverse Voltage Protection Diode

• Monolithic Construction with Built–in Base–Emitter output Resistor




Similar Part No. - BD776

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BD776 NJSEMI-BD776 Datasheet
95Kb / 2P
PLASTIC DARUNGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Rohm
BD7763EFV ROHM-BD7763EFV Datasheet
793Kb / 19P
System Motor Driver IC for Half Height Drive(Sensor less)
BD7763EFV-E2 ROHM-BD7763EFV-E2 Datasheet
793Kb / 19P
System Motor Driver IC for Half Height Drive(Sensor less)
More results


Similar Description - BD776

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6035 ONSEMI-2N6035 Datasheet
113Kb / 8P
Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
2N6035 ONSEMI-2N6035_08 Datasheet
133Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Continental Device Indi...
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6034G ONSEMI-2N6034G_13 Datasheet
150Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 15
BD777 ONSEMI-BD777 Datasheet
158Kb / 4P
Plastic Darlington Complementary Silicon Power Transistors
August, 2006 ??Rev. 9
MJE700G ONSEMI-MJE700G Datasheet
140Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 12
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com