Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75412WS Datasheet (PDF) - Sanyo Semicon Device

LC75412WS Datasheet PDF - Sanyo Semicon Device
Part # LC75412WS
Download  LC75412WS Download
File Size   185.24 Kbytes
Page   19 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Electronic Volume Controller for Car Audio Systems

LC75412WS Datasheet (PDF)

Go To PDF Page Download Datasheet
LC75412WS Datasheet PDF - Sanyo Semicon Device

Part # LC75412WS
Download  LC75412WS Click to download

File Size   185.24 Kbytes
Page   19 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Electronic Volume Controller for Car Audio Systems

LC75412WS Datasheet (HTML) - Sanyo Semicon Device


LC75412WS Product details

Overview
The LC75412WS are electronic volume controllers that enable control of volume, balance, fader, bass/treble, loudness, input switching, and input gain using only a small number of external components.

Functions
• Volume : 0dB to -79dB in 1dB steps, and -∞ (81 positions) Balance function with separate L/R control
• Fader : Rear output or front output can be attenuated across 16 positions (in 1dB steps from 0dB to -2dB, 2dB steps from -2dB to -20dB, 10dB steps from -20dB to -30dB, and -45dB, -60dB, -∞)
• Bass/treble : Each band can be controlled in 2dB steps from ±0dB to ±18dB.
• Input gain : 0dB to +18.75dB (1.25dB steps) amplification is possible for the input signal.
• Input switching : Six input signals can be selected for Left and for Right (five are singleended inputs and one is a differential input.)
• Loudness : A tap is output from the -32dB position of a volume control resistor ladder. A loudness function can be implemented by connecting an external RC circuit.




Similar Part No. - LC75412WS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75412W SANYO-LC75412W Datasheet
204Kb / 21P
Electronic Volume Controller for Car Audio Systems
More results


Similar Description - LC75412WS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
Electronic Volume Controller for Car Audio Systems
LC75412E SANYO-LC75412E Datasheet
204Kb / 21P
Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
Electronic Volume Controller for Car Audio Systems
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
For Car Audio Systems Electronic Volume IC
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
Electronic Volume IC for Car Audio Systems
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com