Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75412WS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75412WS
Description  Electronic Volume Controller for Car Audio Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75412WS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75412WS Datasheet HTML 1Page - Sanyo Semicon Device LC75412WS Datasheet HTML 2Page - Sanyo Semicon Device LC75412WS Datasheet HTML 3Page - Sanyo Semicon Device LC75412WS Datasheet HTML 4Page - Sanyo Semicon Device LC75412WS Datasheet HTML 5Page - Sanyo Semicon Device LC75412WS Datasheet HTML 6Page - Sanyo Semicon Device LC75412WS Datasheet HTML 7Page - Sanyo Semicon Device LC75412WS Datasheet HTML 8Page - Sanyo Semicon Device LC75412WS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LC75412WS
No.A1354-2/19
Allowable Operating Ranges
at Ta = 25
°C, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
6.0
10
V
Input high-level voltage
VIH
CL, DI, CE
4.0
10
V
Input low-level voltage
VIL
CL, DI, CE
VSS
1.0
V
Input amplitude voltage
VIN
VSS
VDD
Vp-p
Input pulse width
T
φW
CL
1
μs
Setup time
Tsetup
CL, DI, CE
1
μs
Hold time
Thold
CL, DI, CE
1
μs
Operating frequency
fopg
CL
500
kHz
Electrical Characteristics
at Ta = 25
°C, VDD = 9V, VSS = 0V
Ratings
Parameter
Symbol
Pin Name
Conditions
min
typ
max
Unit
[Input block]
Input resistance
Rin
L1 to L4, L6, R1 to R4, R6
30
50
70
k
Ω
Minimum input gain
Ginmin
L1 to L4, L6, R1 to R4, R6
-1
0
+1
dB
Maximum input gain
Ginmax
+16.5
+18.75
+21
dB
Step setting error
ATerr
±0.6
dB
L/R balance
BAL
±0.5
dB
[Volume block]
Input resistance
Rvr
LVRIN, RVRIN
loudness off
25
50
100
k
Ω
Step setting error
ATerr
0dB to -40dB
±0.5
dB
L/R balance
BAL
0dB to -40dB
±0.5
dB
[Tone block]
Step setting error
ATerr
-8dB to +8dB
±1.0
dB
Bass control range
Gbass
max. boost/cut
±15
±18
±21
dB
Treble control range
Gtre
max. boost/cut
±15
±18
±21
dB
L/R balance
BAL
±0.5
dB
[Fader block]
Input resistance
Rfed
LFIN, RFIN
25
50
100
k
Ω
0dB to -2dB
±0.5
dB
-2dB to -20dB
±1dB
-20dB to -30dB
±2dB
Step setting error
ATerr
-30dB to -60dB
±3dB
L/R balance
BAL
0dB to -60dB
±0.5
dB
[General]
THD (1)
VIN = 0dBV, f = 1kHz
0.004
0.01
%
Total harmonic distortion
THD (2)
VIN = -10dBV, f = 10kHz
0.006
0.01
%
Input crosstalk
CT
VIN = 1Vrms, f = 1kHz
80
88
dB
L/R crosstalk
CT
VIN = 1Vrms, f = 1kHz
80
88
dB
Vomin (1)
VIN = 1Vrms, f = 1kHz
80
88
dB
Maximum attenuated output
Vomin (2)
VIN = 1Vrms, f = 1kHz
INMUTE, fader
∞
90
95
dB
VN (1)
Flat overall, IHF-A filter
5
10
μV
Output noise voltage
VN (2)
Flat overall, 20 to 20kHzBPF
7
15
μV
Current drain
IDD
55
60
mA
Input high-level current
IIH
CL, DI, CE, VIN = 9V
10
μA
Input low-level current
IIL
CL, DI, CE, VIN = 0V
-10
μA
Maximum input voltage
VCL
THD = 1%, RL = 10kΩ
flat overall, fIN = 1kHz
2.3
2.5
Vrms
Common-mode rejection ratio
CMRR
VIN = 0dB, f = 1kHz
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com