Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75412WS Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC75412WS
Description  Electronic Volume Controller for Car Audio Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75412WS Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC75412WS Datasheet HTML 9Page - Sanyo Semicon Device LC75412WS Datasheet HTML 10Page - Sanyo Semicon Device LC75412WS Datasheet HTML 11Page - Sanyo Semicon Device LC75412WS Datasheet HTML 12Page - Sanyo Semicon Device LC75412WS Datasheet HTML 13Page - Sanyo Semicon Device LC75412WS Datasheet HTML 14Page - Sanyo Semicon Device LC75412WS Datasheet HTML 15Page - Sanyo Semicon Device LC75412WS Datasheet HTML 16Page - Sanyo Semicon Device LC75412WS Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LC75412WS
No.A1354-13/19
Volume Block Equivalent Circuit Block Diagram
Same for right channel
LVRIN
LVref
To tone block
-1dB
0dB
R55=133
Ω
R28=243
Ω
R56=119
Ω
R57=106
Ω
R1=5434
Ω
R29=216
Ω
R30=193
Ω
R2=4845
Ω
R3=4319
Ω
R4=3850
Ω
R5=3431
Ω
R6=3058
Ω
R7=2726
Ω
-3dB
-4dB
-9dB
-10dB
-2dB
-5dB
-6dB
-8dB
-7dB
-11dB
-13dB
-14dB
-12dB
-19dB
-20dB
-21dB
-15dB
-16dB
-18dB
-17dB
-26dB
-27dB
-22dB
-23dB
-25dB
-24dB
-37dB
-38dB
-40dB
-41dB
-39dB
-46dB
-47dB
-48dB
-42dB
-43dB
-45dB
-44dB
-53dB
-54dB
-49dB
-50dB
-52dB
-51dB
-64dB
-65dB
-67dB
-68dB
-66dB
-73dB
-74dB
-75dB
-69dB
-70dB
-72dB
-71dB
-
∞
-76dB
-77dB
-79dB
-78dB
-28dB
-29dB
-31dB
-32dB
-30dB
-33dB
-34dB
-35dB
-36dB
-55dB
-56dB
-58dB
-59dB
-57dB
-60dB
-61dB
-63dB
-62dB
1500
Ω
1227
Ω
1230
Ω
1236
Ω
1233
Ω
R85
R84
R83
R82
R81
LCT
R8=2429
Ω
R9=2165
Ω
R10=1930
Ω
R11=1720
Ω
R12=1533
Ω
R13=1366
Ω
R14=1218
Ω
R15=1085
Ω
R16=967
Ω
R17=862
Ω
R18=768
Ω
R19=685
Ω
R20=610
Ω
R21=544
Ω
R22=485
Ω
R23=432
Ω
R24=385
Ω
R25=343
Ω
R26=306
Ω
R27=273
Ω
R31=172
Ω
R32=153
Ω
R33=839
Ω
R34=748
Ω
R35=667
Ω
R36=594
Ω
R37=530
Ω
R38=472
Ω
R39=421
Ω
R40=375
Ω
R41=334
Ω
R42=298
Ω
R43=266
Ω
R44=237
Ω
R45=211
Ω
R46=188
Ω
R47=168
Ω
R48=149
Ω
R49=133
Ω
R50=119
Ω
R51=106
Ω
R52=94
Ω
R53=84
Ω
R54=75
Ω
R58=94
Ω
R59=84
Ω
R60=75
Ω
R61=134
Ω
R62=119
Ω
R63=106
Ω
R64=95
Ω
R65=84
Ω
R66=75
Ω
R67=134
Ω
R68=119
Ω
R69=106
Ω
R70=95
Ω
R71=85
Ω
R72=75
Ω
R73=134
Ω
R74=120
Ω
R75=107
Ω
R76=95
Ω
R77=85
Ω
R78=76
Ω
R79=67
Ω
R80=552
Ω
R86
1M
Ω
Total resistance of
48.746k
Ω over tap
Total resistance of
1.256k
Ω under tap
(LOUD OFF)
Total resistance of
7.662k
Ω under tap
(LOUD ON)
0dB& -
∞ASW=1kΩ
Others ASW=3k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com