Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C20121 Datasheet (PDF) - Cypress Semiconductor

CY8C20121 Datasheet PDF - Cypress Semiconductor
Part # CY8C20121
Download  CY8C20121 Download
File Size   756.04 Kbytes
Page   34 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description CapSense Express-One Button and Two Button Capacitive Controllers

CY8C20121 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY8C20121 Datasheet PDF - Cypress Semiconductor

Part # CY8C20121
Download  CY8C20121 Click to download

File Size   756.04 Kbytes
Page   34 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description CapSense Express-One Button and Two Button Capacitive Controllers

CY8C20121 Datasheet (HTML) - Cypress Semiconductor


CY8C20121 Product details

Overview
The CapSense® Express™ controllers support two capacitive sensing (CapSense) buttons and two general purpose outputs in CY8C20121 and one CapSense button and one general purpose output in CY8C20111. The device functionality is configured through the I2C port and can be stored in on-board nonvolatile memory for automatic loading at power on. The digital outputs are controlled from CapSense inputs in factory default settings, but are user configurable for direct control through I2C.
The four key blocks that make up the CY8C20111 and CY8C20121 controllers are: a robust capacitive sensing core with high immunity against radiated and conductive noise, control registers with nonvolatile storage, configurable outputs, and I2C communications. The user can configure registers with parameters needed to adjust the operation and sensitivity of the CapSense buttons and outputs and permanently store the settings. The standard I2C serial communication interface allows the host to configure the device and read sensor information in real time. I2C address is fully configurable without any external hardware strapping.

Features
■ Capacitive button input tied to a configurable output
   ❐ Robust sensing algorithm
   ❐ High sensitivity, low noise
   ❐ Immunity to RF and AC noise
   ❐ Low radiated EMC noise
   ❐ Supports wide range of input capacitance, sensor shapes, and sizes
■ Target Applications
   ❐ Printers
   ❐ Cellular handsets
   ❐ LCD monitors
   ❐ Portable DVD players
■ Industrys best configurability
   ❐ Custom sensor tuning
   ❐ Output supports strong 20 mA sink current
   ❐ Output state can be controlled through I2C or directly from CapSense input state
   ❐ Run time reconfigurable over I2C
■ Advanced features
   ❐ Plug-and-play with factory defaults – tuned to support up to 1 mm overlay
   ❐ Nonvolatile storage of custom settings
   ❐ Easy integration into existing products – configure output to match system
   ❐ No external components required
   ❐ World class free configuration tool
■ Wide range of operating voltages
   ❐ 2.45 V to 2.9 V
   ❐ 3.10 V to 3.6 V
   ❐ 4.75 V to 5.25 V
■ I2C communication
   ❐ Supported from 1.8 V
   ❐ Internal pull-up resistor support option
   ❐ Data rate up to 400 kbps.
   ❐ Configurable I2C addressing
■ Industrial temperature range: –40 °C to +85 °C
■ Available in 8-pin SOIC package




Similar Part No. - CY8C20121

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20121 CYPRESS-CY8C20121 Datasheet
948Kb / 43P
CapSense Express ??One Button and Two Button Capacitive Controllers
CY8C20121-SX1I CYPRESS-CY8C20121-SX1I Datasheet
948Kb / 43P
CapSense Express ??One Button and Two Button Capacitive Controllers
CY8C20121-SX1I CYPRESS-CY8C20121-SX1I Datasheet
1Mb / 44P
CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C20121-SX1IT CYPRESS-CY8C20121-SX1IT Datasheet
948Kb / 43P
CapSense Express ??One Button and Two Button Capacitive Controllers
CY8C20121-SX1IT CYPRESS-CY8C20121-SX1IT Datasheet
1Mb / 44P
CapSense짰 Express????One Button and Two Button Capacitive Controllers
More results


Similar Description - CY8C20121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
One Button Timer
logo
Cypress Semiconductor
CY8CMBR2044 CYPRESS-CY8CMBR2044 Datasheet
1Mb / 26P
Capacitive Button Controllers
CY8C20110 CYPRESS-CY8C20110_09 Datasheet
1Mb / 29P
CapSense Express Button Capacitive Controllers
logo
Semtech Corporation
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
Low Power, Capacitive Button and Wheel Touch Controller
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
Low Power, Capacitive Button Touch and Proximity Controller
logo
Cypress Semiconductor
CY8C20111 CYPRESS-CY8C20111_11 Datasheet
948Kb / 43P
CapSense Express ??One Button and Two Button Capacitive Controllers
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
CapSense짰 Express??Slider Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_12 Datasheet
1Mb / 43P
CapSense짰 Express??Button Capacitive Controllers
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_13 Datasheet
1Mb / 46P
CapSense짰 Express??Button Capacitive Controllers
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com