Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C20121 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8C20121
Description  CapSense Express-One Button and Two Button Capacitive Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8C20121 Datasheet HTML 1Page - Cypress Semiconductor CY8C20121 Datasheet HTML 2Page - Cypress Semiconductor CY8C20121 Datasheet HTML 3Page - Cypress Semiconductor CY8C20121 Datasheet HTML 4Page - Cypress Semiconductor CY8C20121 Datasheet HTML 5Page - Cypress Semiconductor CY8C20121 Datasheet HTML 6Page - Cypress Semiconductor CY8C20121 Datasheet HTML 7Page - Cypress Semiconductor CY8C20121 Datasheet HTML 8Page - Cypress Semiconductor CY8C20121 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PRELIMINARY
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. **
Page 2 of 34
3. Pinouts
Figure 1. CY8C20111 Pin Diagram - 8 SOIC - 1 Button
Table 1. Pin Definitions – 8 SOIC- 1 Button
Figure 2. CY8C20121 Pin Diagram – 8 SOIC- 2 Button
Table 2. Pin Definitions – 8 SOIC- 2 Button
Pin No
Name
Description
1
VSS
Ground
2I2C SCL
I2C Clock
3I2C SDA
I2C Data
4
CS0
CapSense Input
5
NC
No Connect
6
DIG0
Digital Output
7
NC
No Connect
8
VDD
Supply Voltage
Pin No
Name
Description
1
VSS
Ground
2I2C SCL
I2C Clock
3I2C SDA
I2C Data
4
CS0
CapSense Input
5
CS1
CapSense Input
6
DIG0
Digital Output
7
DIG1
Digital Output
8
VDD
Supply Voltage
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com