Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY14B101P Datasheet (PDF) - Cypress Semiconductor

CY14B101P Datasheet PDF - Cypress Semiconductor
Part # CY14B101P
Download  CY14B101P Download
File Size   1540.29 Kbytes
Page   33 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock

CY14B101P Datasheet (PDF)

Go To PDF Page Download Datasheet
CY14B101P Datasheet PDF - Cypress Semiconductor

Part # CY14B101P
Download  CY14B101P Click to download

File Size   1540.29 Kbytes
Page   33 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock

CY14B101P Datasheet (HTML) - Cypress Semiconductor


CY14B101P Product details

Overview
The Cypress CY14B101P combines a 1 Mbit nonvolatile static RAM with full featured real time clock in a monolithic integrated circuit with serial SPI interface. The memory is organized as 128K words of 8 bits each. The embedded nonvolatile elements incorporate the QuantumTrap technology, creating the world’s most reliable nonvolatile memory. The SRAM provides infinite read and write cycles, while the QuantumTrap cells provide highly reliable nonvolatile storage of data. Data transfers from SRAM to the nonvolatile elements (STORE operation) takes place automatically at power down. On power up, data is restored to the SRAM from the nonvolatile memory (RECALL operation). The STORE and RECALL operations can also be initiated by the user.

Features
■ 1 Mbit Nonvolatile SRAM
    ❐ Internally organized as 128K x 8
    ❐ STORE to QuantumTrap nonvolatile elements initiated automatically on power down (AutoStore) or by user using HSB pin (Hardware Store) or SPI instruction (Software Store)
    ❐ RECALL to SRAM initiated on power up (Power Up Recall) or by SPI Instruction (Software Recall)
    ❐ Automatic STORE on power down with a small capacitor
■ High Reliability
    ❐ Infinite Read, Write, and RECALL cycles
    ❐ 200,000 STORE cycles to QuantumTrap
    ❐ Data Retention: 20 Years
■ Real Time Clock
    ❐ Full featured Real Time Clock
    ❐ Watchdog timer
    ❐ Clock alarm with programmable interrupts
    ❐ Capacitor or battery backup for RTC
    ❐ Backup current of 300 nA
■ High Speed Serial Peripheral Interface (SPI)
    ❐ 40 MHz Clock rate - SRAM Memory access
    ❐ 25 MHz Clock rate - RTC Memory access
    ❐ Supports SPI Modes 0 (0,0) and 3 (1,1)
■ Write Protection
    ❐ Hardware Protection using Write Protect (WP) Pin
    ❐ Software Protection using Write Disable Instruction
    ❐ Software Block Protection for 1/4, 1/2, or entire Array
■ Low Power Consumption
    ❐ Single 3V +20%, –10% operation
    ❐ Average VCC current of 10 mA at 40 MHz operation
■ Industry Standard Configurations
    ❐ Commercial and industrial temperatures
    ❐ 16-pin SOIC Package
    ❐ RoHS compliant




Similar Part No. - CY14B101P

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P-SFXA CYPRESS-CY14B101P-SFXA Datasheet
1Mb / 35P
1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P-SFXE CYPRESS-CY14B101P-SFXE Datasheet
1Mb / 35P
1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P-SFXI CYPRESS-CY14B101P-SFXI Datasheet
934Kb / 36P
1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14B101P-SFXI CYPRESS-CY14B101P-SFXI Datasheet
1Mb / 36P
1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14B101P-SFXIT CYPRESS-CY14B101P-SFXIT Datasheet
934Kb / 36P
1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
More results


Similar Description - CY14B101P

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
1 Mbit (128K x 8) Serial SPI nvSRAM
CY14C101I CYPRESS-CY14C101I Datasheet
2Mb / 42P
1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA_1107 CYPRESS-CY14B101PA_1107 Datasheet
1Mb / 35P
1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14V101PS CYPRESS-CY14V101PS Datasheet
1Mb / 67P
1-Mbit (128K 횞 8) Quad SPI nvSRAM with Real Time Clock
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com