Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY14C101I Datasheet (PDF) - Cypress Semiconductor

CY14C101I Datasheet PDF - Cypress Semiconductor
Part # CY14C101I
Download  CY14C101I Download
File Size   2311.06 Kbytes
Page   42 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock

CY14C101I Datasheet (PDF)

Go To PDF Page Download Datasheet
CY14C101I Datasheet PDF - Cypress Semiconductor

Part # CY14C101I
Download  CY14C101I Click to download

File Size   2311.06 Kbytes
Page   42 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock

CY14C101I Datasheet (HTML) - Cypress Semiconductor


CY14C101I Product details

Overview
The Cypress CY14C101I/CY14B101I/CY14E101I combines a 1-Mbit nvSRAM[1] with a full-featured RTC in a monolithic integrated circuit with serial I2C interface. The memory is organized as 128 K words of 8 bits each. The embedded nonvolatile elements incorporate the QuantumTrap technology, creating the world’s most reliable nonvolatile memory. The SRAM provides infinite read and write cycles, while the QuantumTrap cells provide highly reliable nonvolatile storage of data. Data transfers from SRAM to the nonvolatile elements (STORE operation) takes place automatically at power-down. On power-up, data is restored to the SRAM from the nonvolatile memory (RECALL operation). The STORE and RECALL operations can also be initiated by the user through I2C commands.

Features
■ 1-Mbit nonvolatile static random access memory (nvSRAM)
    ❐ Internally organized as 128 K x 8
    ❐ STORE to QuantumTrap nonvolatile elements initiated automatically on power-down (AutoStore) or by using I2C command (Software STORE) or HSB pin (Hardware STORE)
    ❐ RECALL to SRAM initiated on power-up (Power Up RECALL) or by I2C command (Software RECALL)
    ❐ Automatic STORE on power-down with a small capacitor
■ High reliability
    ❐ Infinite read, write, and RECALL cycles
    ❐ 1 million STORE cycles to QuantumTrap
    ❐ Data retention: 20 years at 85 °C
■ Real Time Clock (RTC)
    ❐ Full-featured RTC
    ❐ Watchdog timer
    ❐ Clock alarm with programmable interrupts
    ❐ Backup power fail indication
    ❐ Square wave output with programmable frequency (1 Hz, 512 Hz, 4096 Hz, 32.768 kHz)
    ❐ Capacitor or battery backup for RTC
    ❐ Backup current of 0.45 uA (typical)
■ High-speed I2C interface
    ❐ Industry standard 100 kHz and 400 kHz speed
    ❐ Fast mode Plus: 1 MHz speed
    ❐ High speed: 3.4 MHz
    ❐ Zero cycle delay reads and writes
■ Write protection
    ❐ Hardware protection using Write Protect (WP) pin
    ❐ Software block protection for 1/4, 1/2, or entire array
■ I2C access to special functions
    ❐ Nonvolatile STORE/RECALL
    ❐ 8-byte serial number
    ❐ Manufacturer ID and Product ID
    ❐ Sleep mode
■ Low power consumption
    ❐ Average active current of 1 mA at 3.4 MHz operation
    ❐ Average standby mode current of 250 uA
    ❐ Sleep mode current of 8 uA
■ Industry standard configurations
    ❐ Operating voltages:
        • CY14C101I: VCC = 2.4 V to 2.6 V
        • CY14B101I: VCC = 2.7 V to 3.6 V
        • CY14E101I: VCC = 4.5 V to 5.5 V
    ❐ Industrial temperature
    ❐ 16-pin small outline integrated circuit (SOIC) package
    ❐ Restriction of hazardous substances (RoHS) compliant




Similar Part No. - CY14C101I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101I CYPRESS-CY14C101I Datasheet
1Mb / 42P
1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101I-SFXI CYPRESS-CY14C101I-SFXI Datasheet
1Mb / 41P
1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101I-SFXIT CYPRESS-CY14C101I-SFXIT Datasheet
1Mb / 41P
1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Similar Description - CY14C101I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com