Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK11C88 Datasheet (PDF) - Cypress Semiconductor

STK11C88 Datasheet PDF - Cypress Semiconductor
Part # STK11C88
Download  STK11C88 Download
File Size   474.03 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256 Kbit (32K x 8) SoftStore nvSRAM

STK11C88 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK11C88 Datasheet PDF - Cypress Semiconductor

Part # STK11C88
Download  STK11C88 Click to download

File Size   474.03 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256 Kbit (32K x 8) SoftStore nvSRAM

STK11C88 Datasheet (HTML) - Cypress Semiconductor


STK11C88 Product details

Functional Description

The Cypress STK11C88 is a 256 Kb fast static RAM with a nonvolatile element in each memory cell. The embedded nonvolatile elements incorporate QuantumTrap™ technology producing the world’s most reliable nonvolatile memory. The SRAM provides unlimited read and write cycles, while independent, nonvolatile data resides in the highly reliable QuantumTrap cell. Data transfers under Software control from SRAM to the nonvolatile elements (the STORE operation). On power up, data is automatically restored to the SRAM (the

RECALL operation) from the nonvolatile memory. RECALL operations are also available under software control.



Features

■ 25 ns and 45 ns access times

■ Pin compatible with industry standard SRAMs

■ Software initiated STORE and RECALL

■ Automatic RECALL to SRAM on power up

■ Unlimited Read and Write endurance

■ Unlimited RECALL cycles

■ 1,000,000 STORE cycles

■ 100 year data retention

■ Single 5V+10% power supply

■ Commercial and Industrial Temperatures

■ 28-pin (300 mil and 330 mil) SOIC packages

■ RoHS compliance




Similar Part No. - STK11C88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
32Kx8 SoftStore nvSRAM
STK11C88 SIMTEK-STK11C88 Datasheet
368Kb / 16P
32Kx8 SoftStore nvSRAM
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
STK11C88-3N25 SIMTEK-STK11C88-3N25 Datasheet
366Kb / 10P
32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
More results


Similar Description - STK11C88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
SoftStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
256-Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
256 Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
256 Kbit (32K x 8) nvSRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com