Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U631H256 Datasheet (PDF) - Simtek Corporation

U631H256 Datasheet PDF - Simtek Corporation
Part # U631H256
Download  U631H256 Download
File Size   246.35 Kbytes
Page   13 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description SoftStore 32K x 8 nvSRAM

U631H256 Datasheet (PDF)

Go To PDF Page Download Datasheet
U631H256 Datasheet PDF - Simtek Corporation

Part # U631H256
Download  U631H256 Click to download

File Size   246.35 Kbytes
Page   13 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description SoftStore 32K x 8 nvSRAM

U631H256 Datasheet (HTML) - Simtek Corporation


U631H256 Product details

Description

The U631H256 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as an ordinary static RAM. In nonvolatile operation, data is transferred in parallel from SRAM to EEPROM or from EEPROM to SRAM. In this mode SRAM functions are disabled.



Features

High-performance CMOS non volatile static RAM 32768 x 8 bits

25 ns Access Times

10 ns Output Enable Access Times

Software STORE Initiation

Automatic STORE Timing

106 STORE cycles to EEPROM

100 years data retention in EEPROM

Automatic RECALL on Power Up

Software RECALL Initiation

Unlimited RECALL cycles from EEPROM

Unlimited Read and Write to SRAM

Single 5 V ± 10 % Operation

Operating temperature ranges:

  0 to 70 °C

  -40 to 85 °C

QS 9000 Quality Standard

ESD protection > 2000 V(MIL STD 883C M3015.7-HBM)

RoHS compliance and Pb- free Package: SOP28 (330 mil)

‡ ‡‡ ‡‡‡‡ ‡‡‡ ‡ ‡‡ ‡‡ ‡




Similar Part No. - U631H256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
SoftStore 32K x 8 nvSRAM
U631H256SC25G1 ETC1-U631H256SC25G1 Datasheet
140Kb / 13P
SoftStore 32K x 8 nvSRAM
U631H256SK25G1 ETC1-U631H256SK25G1 Datasheet
140Kb / 13P
SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
SoftStore 32K x 8 nvSRAM Die
More results


Similar Description - U631H256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
SOFTSTORE 2K X 8 NVSRAM
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
SoftStore 8K x 8 nvSRAM
UL631H256 ETC1-UL631H256 Datasheet
202Kb / 12P
Low Voltage SoftStore 32K x 8 nvSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
32K x 8 AutoStore nvSRAM
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
SoftStore 8K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
SoftStore 32K x 8 nvSRAM Die
UL631H256 SIMTEK-UL631H256 Datasheet
180Kb / 13P
SimtekLow Voltage SoftStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
64 Kbit (8K x 8) SoftStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
256 Kbit (32K x 8) SoftStore nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com