Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U631H64 Datasheet (PDF) - Simtek Corporation

U631H64 Datasheet PDF - Simtek Corporation
Part # U631H64
Download  U631H64 Download
File Size   131.98 Kbytes
Page   13 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description SoftStore 8K x 8 nvSRAM

U631H64 Datasheet (PDF)

Go To PDF Page Download Datasheet
U631H64 Datasheet PDF - Simtek Corporation

Part # U631H64
Download  U631H64 Click to download

File Size   131.98 Kbytes
Page   13 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description SoftStore 8K x 8 nvSRAM

U631H64 Datasheet (HTML) - Simtek Corporation


U631H64 Product details

Description
The U631H64 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as an ordinary static RAM. In nonvolatile operation, data is transferred in parallel from SRAM to EEPROM or from EEPROM to SRAM. In this mode SRAM functions are disabled.

Features
• High-performance CMOS nonvolatile static RAM 8192 x 8 bits
• 25, 35 and 45 ns Access Times
• 12, 20 and 25 ns Output Enable Access Times
• Software STORE Initiation (STORE Cycle Time < 10 ms)
• Automatic STORE Timing
• 105 STORE cycles to EEPROM
• 10 years data retention in EEPROM
• Automatic RECALL on Power Up
• Software RECALL Initiation (RECALL Cycle Time < 20 μs)
• Unlimited RECALL cycles from EEPROM
• Unlimited Read and Write to SRAM
• Single 5 V ± 10 % Operation
• Operating temperature ranges:
    0 to 70 °C
    -40 to 85 °C
• QS 9000 Quality Standard
• ESD characterization according MIL STD 883C M3015.7-HBM (classification see IC Code Numbers)
• RoHS compliance and Pb- free
• Packages: PDIP28 (300 mil)
                    SOP28 (330 mil)




Similar Part No. - U631H64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
SoftStore 8K x 8 nvSRAM
More results


Similar Description - U631H64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
SOFTSTORE 2K X 8 NVSRAM
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
SoftStore 8K x 8 nvSRAM
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
SoftStore 32K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
SoftStore 32K x 8 nvSRAM Die
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
PowerStore 8K x 8 nvSRAM
UL631H256 SIMTEK-UL631H256 Datasheet
180Kb / 13P
SimtekLow Voltage SoftStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
64 Kbit (8K x 8) SoftStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
256 Kbit (32K x 8) SoftStore nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com