Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

380950 Datasheet (PDF) - Extech Instruments Corporation.

380950 Datasheet PDF - Extech Instruments Corporation.
Part # 380950
Download  380950 Download
File Size   264.83 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description 80A Mini AC/DC Clamp Meter

380950 Datasheet (PDF)

Go To PDF Page Download Datasheet
380950 Datasheet PDF - Extech Instruments Corporation.

Part # 380950
Download  380950 Click to download

File Size   264.83 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description 80A Mini AC/DC Clamp Meter

380950 Datasheet (HTML) - Extech Instruments Corporation.




Similar Part No. - 380950

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380950 EXTECH-380950_15 Datasheet
229Kb / 1P
80A Mini AC/DC Clamp Meter
More results


Similar Description - 380950

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
38390 EXTECH-38390 Datasheet
54Kb / 1P
Autoranging 400A AC Mini Clamp Meter
380652 EXTECH-380652 Datasheet
237Kb / 1P
200A AC/DC Mini Clamp Meter
380926 EXTECH-380926 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA120 EXTECH-MA120 Datasheet
174Kb / 5P
200A AC/DC Mini Clamp-on Meter
MA150 EXTECH-MA150 Datasheet
210Kb / 7P
200A AC Mini Clamp-on Meter
MA220 EXTECH-MA220 Datasheet
227Kb / 9P
400A AC/DC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
380950 EXTECH-380950_15 Datasheet
229Kb / 1P
80A Mini AC/DC Clamp Meter
logo
List of Unclassifed Man...
316 ETC2-316 Datasheet
64Kb / 1P
Milli-Amp AC/DC Clamp Meter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com