Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA150 Datasheet (PDF) - Extech Instruments Corporation.

MA150 Datasheet PDF - Extech Instruments Corporation.
Part # MA150
Download  MA150 Download
File Size   210.16 Kbytes
Page   7 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description 200A AC Mini Clamp-on Meter

MA150 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA150 Datasheet PDF - Extech Instruments Corporation.

Part # MA150
Download  MA150 Click to download

File Size   210.16 Kbytes
Page   7 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description 200A AC Mini Clamp-on Meter

MA150 Datasheet (HTML) - Extech Instruments Corporation.


MA150 Product details

200A AC Mini Clamp-on Meter

Introduction
Congratulations on your purchase of Extech’s MA150 AC Mini Clamp Meter. This meter is shipped fully tested and calibrated and, with proper use, will provide years of reliable service.

• 2000 count LCD display
• White LED backlight
• Built-in non-contact AC voltage detector plus flashlight
• Max Hold
• Autoranging with auto power off
• 0.7” (18mm) Jaw opening




Similar Part No. - MA150

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA150 PANASONIC-MA150 Datasheet
50Kb / 2P
Silicon epitaxial planar type
logo
SHENZHEN YONGERJIA INDU...
MA150 WINNERJOIN-MA150 Datasheet
93Kb / 1P
Fast Switching Rectifiers
logo
Extech Instruments Corp...
MA1500 EXTECH-MA1500 Datasheet
470Kb / 1P
1500A True RMS AC/DC Clamp Meter NCV
logo
MicroPower Direct, LLC
MA1500RU MPD-MA1500RU Datasheet
347Kb / 3P
4:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MA1500RW MPD-MA1500RW Datasheet
384Kb / 3P
2:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
More results


Similar Description - MA150

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
38390 EXTECH-38390 Datasheet
54Kb / 1P
Autoranging 400A AC Mini Clamp Meter
380652 EXTECH-380652 Datasheet
237Kb / 1P
200A AC/DC Mini Clamp Meter
380950 EXTECH-380950 Datasheet
264Kb / 1P
80A Mini AC/DC Clamp Meter
CA200 EXTECH-CA200 Datasheet
297Kb / 1P
200A AC Clamp-on Adaptor
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA100 EXTECH-MA100 Datasheet
202Kb / 1P
200A AC Mini Clamp Meter/Voltage Detector
MA120 EXTECH-MA120 Datasheet
174Kb / 5P
200A AC/DC Mini Clamp-on Meter
380950 EXTECH-380950_15 Datasheet
229Kb / 1P
80A Mini AC/DC Clamp Meter
MA250 EXTECH-MA250 Datasheet
274Kb / 1P
200A AC Clamp Meter NCV
CA200 EXTECH-CA200_15 Datasheet
297Kb / 1P
200A AC Clamp-on Adaptor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com