Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5310 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT5310 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT5310
Download  SPT5310 Download
File Size   2675.94 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 250 MWPS ECL D/A CONVERTER

SPT5310 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT5310 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT5310
Download  SPT5310 Click to download

File Size   2675.94 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 250 MWPS ECL D/A CONVERTER

SPT5310 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT5310 Product details

GENERAL DESCRIPTION

The SPT5310 is a 12-bit, 250 MWPS digital-to-analog converter designed for direct digital synthesis, high resolution imaging and arbitrary waveform generation applications. The SPT5310 is an ECL-compatible device. It features a low glitch impulse energy of 15 pV-s that results in excellent spurious free dynamic range characteristics.

The SPT5310 is available in 28-lead plastic DIPs and 28-lead PLCCs in the industrial temperature range (-40 to +85 °C).



FEATURES

• 12-Bit, 250 MWPS Digital-to-Analog Converter

• ECL Compatibility

• Low Glitch Energy: 15 pV-s

• Low Power: 600 mW

• 40 MHz Multiplying Bandwidth

• Master-Slave Latches

• Industrial Temperature Range



APPLICATIONS

• Fast Frequency Hopping Spread Spectrum Radios

• Direct Sequence Spread Spectrum Radios

• Microwave and Satellite Modems

• Test & Measurement Instrumentation

• Military Applications



 




Similar Part No. - SPT5310

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPT5303 SSDI-SPT5303 Datasheet
201Kb / 2P
200 WATT NPN SILICON POWER TRANSISTOR
SPT5330 SSDI-SPT5330 Datasheet
217Kb / 2P
30 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
More results


Similar Description - SPT5310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5510 FAIRCHILD-SPT5510 Datasheet
61Kb / 8P
16-BIT, 200 MWPS ECL D/A CONVERTER
SPT9712 FAIRCHILD-SPT9712 Datasheet
48Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9713 FAIRCHILD-SPT9713 Datasheet
48Kb / 7P
12-BIT, 100 MWPS TTL D/A CONVERTER
logo
List of Unclassifed Man...
KAD5612P ETC2-KAD5612P Datasheet
681Kb / 28P
Dual 12-Bit, 250/210/170/125MSPS A/D Converter
SPT7910 ETC2-SPT7910 Datasheet
94Kb / 11P
12-BIT, 10 MSPS, ECL, A/D CONVERTER
logo
Intersil Corporation
KAD5612P INTERSIL-KAD5612P_09 Datasheet
575Kb / 28P
Dual 12-Bit, 250/210/170/125MSPS A/D Converter
January 21, 2009
logo
Cadeka Microcircuits LL...
SPT5510 CADEKA-SPT5510 Datasheet
165Kb / 8P
16-BIT, 200 MWPS ECL D/A CONVERTER
SPT9712 CADEKA-SPT9712 Datasheet
137Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9713 CADEKA-SPT9713 Datasheet
137Kb / 7P
12-BIT, 100 MWPS TTL D/A CONVERTER
logo
Intersil Corporation
KAD5612P-25Q72 INTERSIL-KAD5612P-25Q72 Datasheet
595Kb / 29P
Dual 12-Bit, 250/210/170/125MSPS A/D Converter
September 9, 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com