Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9712 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT9712 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT9712
Download  SPT9712 Download
File Size   137.45 Kbytes
Page   7 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 100 MWPS ECL D/A CONVERTER

SPT9712 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT9712 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT9712
Download  SPT9712 Click to download

File Size   137.45 Kbytes
Page   7 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 100 MWPS ECL D/A CONVERTER

SPT9712 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT9712 Product details

GENERAL DESCRIPTION

The SPT9712 is a 12-bit, 100 MWPS digital-to-analog converter designed for direct digital synthesis, high resolution imaging, and arbitrary waveform generation applications.

This device is pin-for-pin compatible with the AD9712 with significantly improved performance. The only difference between the SPT9712 and the AD9712 is that the Latch Enable (LE, pin 26) for the SPT9712 is rising-edge triggered (see figure 1), whereas the Latch Enable (LE, pin 26) for the AD9712 functions in the transparent mode.

The SPT9712 is an ECL-compatible device. It features a fast settling time of 13 ns and low glitch impulse energy of 15 pV-s, which results in excellent spurious-free dynamic range characteristics.

The SPT9712 is available in a 28-lead PLCC package in the industrial temperature range (–40 to +85 °C).



FEATURES

• 12-Bit, 100 MWPS digital-to-analog converter

• ECL compatibility

• Low power: 600 mW

• 1/2 LSB DNL

• 40 MHz multiplying bandwidth

• Industrial temperature range

• Superior performance over AD9712

   – Improved settling time of 13 ns

   – Improved glitch energy 15 pV-s

   – Master-slave latches



APPLICATIONS

• Fast frequency hopping spread spectrum radios

• Direct sequence spread spectrum radios

• Microwave and satellite modems

• Test & measurement instrumentation



 




Similar Part No. - SPT9712

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT9712 FAIRCHILD-SPT9712 Datasheet
48Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9712AIP FAIRCHILD-SPT9712AIP Datasheet
48Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9712BIP FAIRCHILD-SPT9712BIP Datasheet
48Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
More results


Similar Description - SPT9712

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5510 FAIRCHILD-SPT5510 Datasheet
61Kb / 8P
16-BIT, 200 MWPS ECL D/A CONVERTER
SPT9712 FAIRCHILD-SPT9712 Datasheet
48Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9713 FAIRCHILD-SPT9713 Datasheet
48Kb / 7P
12-BIT, 100 MWPS TTL D/A CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
10-BIT, 100 MSPS ECL A/D CONVERTER
SPT7910 ETC2-SPT7910 Datasheet
94Kb / 11P
12-BIT, 10 MSPS, ECL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT5310 CADEKA-SPT5310 Datasheet
2Mb / 8P
12-BIT, 250 MWPS ECL D/A CONVERTER
SPT5510 CADEKA-SPT5510 Datasheet
165Kb / 8P
16-BIT, 200 MWPS ECL D/A CONVERTER
SPT9713 CADEKA-SPT9713 Datasheet
137Kb / 7P
12-BIT, 100 MWPS TTL D/A CONVERTER
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
12-Bit 100 kSPS A/D Converter
REV. C
AD1674JRZ AD-AD1674JRZ Datasheet
258Kb / 12P
12-Bit 100 kSPS A/D Converter
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com