Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9712 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT9712
Description  12-BIT, 100 MWPS ECL D/A CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9712 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT9712 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPT9712
12-BIT, 100 MWPS ECL D/A CONVERTER
TECHNICAL DATA
FEBRUARY 15, 2001
APPLICATIONS
• Fast frequency hopping spread spectrum radios
• Direct sequence spread spectrum radios
• Microwave and satellite modems
• Test & measurement instrumentation
FEATURES
• 12-Bit, 100 MWPS digital-to-analog converter
• ECL compatibility
• Low power: 600 mW
• 1/2 LSB DNL
• 40 MHz multiplying bandwidth
• Industrial temperature range
• Superior performance over AD9712
– Improved settling time of 13 ns
– Improved glitch energy 15 pV-s
– Master-slave latches
GENERAL DESCRIPTION
The SPT9712 is a 12-bit, 100 MWPS digital-to-analog
converter designed for direct digital synthesis, high reso-
lution imaging, and arbitrary waveform generation applica-
tions.
This device is pin-for-pin compatible with the AD9712 with
significantly improved performance. The only difference
between the SPT9712 and the AD9712 is that the Latch
Enable (LE, pin 26) for the SPT9712 is rising-edge trig-
gered (see figure 1), whereas the Latch Enable (LE, pin
26) for the AD9712 functions in the transparent mode.
The SPT9712 is an ECL-compatible device. It features a
fast settling time of 13 ns and low glitch impulse energy of
15 pV-s, which results in excellent spurious-free dynamic
range characteristics.
The SPT9712 is available in a 28-lead PLCC package in
the industrial temperature range (–40 to +85 °C).
BLOCK DIAGRAM
RSet
Control Amp In
(MSB)
Latch Enable
Digital
Inputs
D1
through
D12
Ref In
IOut
IOut
Decoders
and
Drivers
(LSB)
–
Control
Amp
+
Control
Amp Out
Internal
Voltage
Reference
Ref Out
Switch
Network


Similar Part No. - SPT9712

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT9712 FAIRCHILD-SPT9712 Datasheet
48Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9712AIP FAIRCHILD-SPT9712AIP Datasheet
48Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9712BIP FAIRCHILD-SPT9712BIP Datasheet
48Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
More results

Similar Description - SPT9712

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5510 FAIRCHILD-SPT5510 Datasheet
61Kb / 8P
16-BIT, 200 MWPS ECL D/A CONVERTER
SPT9712 FAIRCHILD-SPT9712 Datasheet
48Kb / 7P
12-BIT, 100 MWPS ECL D/A CONVERTER
SPT9713 FAIRCHILD-SPT9713 Datasheet
48Kb / 7P
12-BIT, 100 MWPS TTL D/A CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
10-BIT, 100 MSPS ECL A/D CONVERTER
SPT7910 ETC2-SPT7910 Datasheet
94Kb / 11P
12-BIT, 10 MSPS, ECL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT5310 CADEKA-SPT5310 Datasheet
2Mb / 8P
12-BIT, 250 MWPS ECL D/A CONVERTER
SPT5510 CADEKA-SPT5510 Datasheet
165Kb / 8P
16-BIT, 200 MWPS ECL D/A CONVERTER
SPT9713 CADEKA-SPT9713 Datasheet
137Kb / 7P
12-BIT, 100 MWPS TTL D/A CONVERTER
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
12-Bit 100 kSPS A/D Converter
REV. C
AD1674JRZ AD-AD1674JRZ Datasheet
258Kb / 12P
12-Bit 100 kSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com