Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9712 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT9712
Description  12-BIT, 100 MWPS ECL D/A CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9712 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT9712 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
2/15/01
SPT9712
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C
Note: 1. Operation at any Absolute Maximum Rating is not implied. See
Electrical Specifications for proper nominal applied conditions
in typical applications.
Supply Voltages
Negative Supply Voltage (VEE) .............................. –7 V
A/D Ground Voltage Differential ........................... 0.5 V
Input Voltages
Digital Input Voltage
(D1–D12, Latch Enable) ............................... 0 V to VEE
Control Amp Input Voltage Range ............... 0 V to –4 V
Reference Input Voltage Range (VREF) ........ 0 V to VEE
Output Currents
Internal Reference Output Current .................... 500 µA
Control Amplifier Output Current ..................... ±2.5 mA
Temperature
Operating Temperature .......................... –40 to +85 °C
Junction Temperature ...................................... +150 °C
Lead, Soldering (10 seconds) ......................... +300 °C
Storage ................................................ –65 to +150 °C
ELECTRICAL SPECIFICATIONS
TA = TMIN – TMAX, VEE = –5.2 V, RSet = 7.5 kΩ, Control Amp In = Ref Out, VOUT = 0 V, unless otherwise specified.
TEST
TEST
SPT9712A
SPT9712B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC Performance
Resolution
12
12
Bits
Differential Linearity
I
±0.5
±0.75
±1.0
±1.25
LSB
Differential Linearity
Max at Full Temp.
VI
±1.5
±2.0
LSB
Integral Linearity
Best Fit
I
±0.75
±1.0
±1.0
±1.5
LSB
Integral Linearity
Max at Full Temp.
VI
±1.75
±2.0
LSB
Output Capacitance
+25 °C
V
10
10
pF
Gain Error1
+25 °C
I
1.0
5.0
1.0
5.0
% FS
Full Temp.
VI
8.0
8.0
% FS
Gain Error Tempco
Full Temp.
V
150
150
PPM/°C
Zero-Scale Offset Error
+25 °C
I
0.5
2.5
0.5
2.5
µA
Full Temp.
VI
5.0
5.0
µA
Offset Drift Coefficient
Full Temp.
V
0.01
0.01
µA/°C
Output Compliance Voltage
+25 °C
IV
–1.2
+2.0
–1.2
+2.0
V
Equivalent Output Resistance
+25 °C
IV
0.8
1.0
1.2
0.8
1.0
1.2
k
Dynamic Performance
Conversion Rate
+25 °C
IV
100
100
MWPS
Settling Time tST2
+25 °C
V
13
13
ns
Output Propagation Delay tD3
+25 °C
V
1
1
ns
Glitch Energy4
+25 °C
V
15
15
pV-s
Full Scale Output Current5
+25 °C
V
20.48
20.48
mA
Spurious-Free Dynamic Range6
+25 °C
1.23 MHz; 10 MWPS
2 MHz Span
V
70
70
dBc
5.055 MHz; 20 MWPS
2 MHz Span
V
68
68
dBc
10.1 MHz; 50 MWPS
2 MHz Span
V
68
68
dBc
16 MHz; 40 MWPS
10 MHz Span
V
68
68
dBc
Rise Time / Fall Time
RL = 50 Ω
V2
2
ns
Power Supply Requirements
Negative Supply Voltage
IV
–5.46
–5.2
–4.94
–5.46
–5.2
–4.94
V
Negative Supply Current (–5.2 V)
+25 °C
I
115
140
115
140
mA
Full Temp
VI
148
148
mA
Nominal Power Dissipation
V
600
600
mW
Power Supply Rejection Ratio
±5% of VEE
I
30
100
30
100
µA/V
External Ref, +25 °C
1
Gain is measured as a ratio of the full-scale current to ISet. The ratio is nominally 128.
2
Measured as voltage at mid-scale transition to ±0.024%; RL=50 Ω.
3
Measured from the rising edge of Latch Enable to where the output signal has left a 1 LSB error band.
4
Glitch is measured as the largest single transient.
5
Calculated using IFS = 128 x (Control Amp In / RSet)
6
SFDR is defined as the difference in signal energy between the fundamental and worst case spurious frequencies in the output spectrum window,
which is centered at the fundamental frequency and covers the indicated span.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com