Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9712 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT9712
Description  12-BIT, 100 MWPS ECL D/A CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9712 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT9712 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9712 Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
2/15/01
SPT9712
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteri-
zation data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed
over specified temperature range.
ELECTRICAL SPECIFICATIONS
TA = TMIN – TMAX, VEE = –5.2 V, RSET = 7.5 kΩ, Control Amp In = Ref Out, VOUT = 0 V, unless otherwise specified.
TEST
TEST
SPT9712A
SPT9712B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Voltage Input and Control
Reference Input Impedance
+25 °C
V
3
3
k
Ref. Multiplying Bandwidth
+25 °C
V
40
40
MHz
Internal Reference Voltage
VI
–1.15 –1.20 –1.25
–1.15 –1.20 –1.25
V
Internal Reference Voltage Drift
V
50
50
ppm/°C
Amplifier Input Impedance
+25 °C
V
3
3
M
Amplifier Input Bandwidth
+25 °C
V
1
1
MHz
Digital Inputs
Logic 1 Voltage
Full Temp.
VI
–1.0
–0.8
–1.0
–0.8
V
Logic 0 Voltage
Full Temp.
VI
–1.7
–1.5
–1.7
–1.5
V
Logic 1 Current
Full Temp.
VI
20
20
µA
Logic 0 Current
Full Temp.
VI
10
10
µA
Input Capacitance
+25 °C
V
3
3
pF
Input Setup Time – tS
+25 °C
IV
3
2
3
2
ns
Input Setup Time – tS
Full Temp.
IV
3.5
3.5
ns
Input Hold Time – tH
+25 °C
IV
0.5
0
0.5
0
ns
Input Hold Time – tH
Full Temp.
IV
0.5
0.5
ns
Latch Pulse Width – tPWL, tPWH
+25 °C
IV
5.0
4.0
5.0
4.0
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com