Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7864 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7864 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7864
Download  SPT7864 Download
File Size   148.98 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 40 MSPS A/D CONVERTER

SPT7864 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7864 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7864
Download  SPT7864 Click to download

File Size   148.98 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 40 MSPS A/D CONVERTER

SPT7864 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7864 Product details

GENERAL DESCRIPTION
The SPT7864 is a 10-bit, 40 MSPS analog-to-digital converter with low power dissipation at only 395 mW typical at 40 MSPS with a power supply of +5.0 V.The digital outputs are +3 V or +5 V, and are user selectable. The SPT7864 has incorporated proprietary circuit design and CMOS processing technologies to achieve its advanced performance. Inputs and outputs are TTL/CMOS compatible to interface with TTL/CMOS logic systems. Output data format is offset binary.
The SPT7864 is available in a 28-lead SSOP package over the commercial temperature range.

FEATURES
• 40 MSPS maximum sample rate
• 9.5 effective number of bits at ƒ IN = 10 MHz and ƒS = 40 MSPS
• 2V P-P full-scale input range
• Differential input 2.5 V common mode
• Internal or external voltage reference
• Common-mode voltage reference output
• +3 V / +5 V digital output logic compatibility
• +5 V analog power supply
• Sleep mode power dissipation: 55 mW

APPLICATIONS
• Video imaging
• Medical imaging
• Radar receivers
• IR imaging
• Digital communications




Similar Part No. - SPT7864

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860SCS FAIRCHILD-SPT7860SCS Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7860SCS CADEKA-SPT7860SCS Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860SCT FAIRCHILD-SPT7860SCT Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
More results


Similar Description - SPT7864

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9040A AD-AD9040A Datasheet
192Kb / 12P
10-Bit 40 MSPS A/D Converter
REV.B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
10-bit, 40 MSPS 160mW A/D Converter
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
10-Bit 40 MSPS A/D Converter
REV. D
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com