Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7920 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7920 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7920
Download  SPT7920 Download
File Size   187.87 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 10 MSPS, TTL, A/D CONVERTER

SPT7920 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7920 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7920
Download  SPT7920 Click to download

File Size   187.87 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 10 MSPS, TTL, A/D CONVERTER

SPT7920 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7920 Product details

GENERAL DESCRIPTION
The SPT7920 A/D converter is the industrys first 12-bit monolithic analog-to-digital converter capable of sample rates greater than 10 MSPS. On board input buffer and track/hold function assures excellent dynamic performance without the need for external components. Drive requirement problems are minimized with an input capacitance of only 5 pF.

FEATURES
• Monolithic
• 12-Bit 10 MSPS Converter
• 66 dB SNR @ 1 MHz Input
• On-Chip Track/Hold
• Bipolar ±2.0 V Analog Input
• Low Power (1.1 W Typical)
• 5 pF Input Capacitance
• TTL Outputs

APPLICATIONS
• Radar Receivers
• Professional Video
• Instrumentation
• Medical Imaging
• Electronic Warfare
• Digital Communications
• Digital Spectrum Analyzers
• Electro-Optics




Similar Part No. - SPT7920

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
SPT7920SCJ ETC1-SPT7920SCJ Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
SPT7920SCQ ETC1-SPT7920SCQ Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
More results


Similar Description - SPT7920

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Intersil Corporation
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
12-Bit, 10 MSPS A/D Converter
02 1999
logo
List of Unclassifed Man...
SPT7922 ETC-SPT7922 Datasheet
123Kb / 11P
12-BIT, 30 MSPS, TTL, A/D CONVERTER
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7824 CADEKA-SPT7824 Datasheet
198Kb / 11P
10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
12-BIT, 20 MSPS, TTL, A/D CONVERTER
SPT7922 CADEKA-SPT7922 Datasheet
192Kb / 11P
12-BIT, 30 MSPS, TTL, A/D CONVERTER
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
12-Bit, 10 MSPS A/D Converter
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com