Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7824 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7824 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7824
Download  SPT7824 Download
File Size   198.3 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER

SPT7824 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7824 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7824
Download  SPT7824 Click to download

File Size   198.3 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER

SPT7824 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7824 Product details

GENERAL DESCRIPTION
The SPT7824 A/D converter is a 10-bit monolithic converter capable of word rates a minimum of 40 MSPS. On board track/hold function assures excellent dynamic performance without the need for external components. Drive requirement problems are minimized with an input capacitance of only 5 pF.

FEATURES
• Monolithic 40 MSPS Converter
• On-Chip Track/Hold
• Bipolar ±2.0 V Analog Input
• 57 dB SNR @ 3.58 MHz Input
• Low Power (1.0 W Typical)
• 5 pF Input Capacitance
• TTL Outputs

APPLICATIONS
• Medical Imaging
• Professional Video
• Radar Receivers
• Instrumentation
• Electronic Warfare
• Digital Communications




Similar Part No. - SPT7824

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7824 FAIRCHILD-SPT7824 Datasheet
206Kb / 17P
EVALUATION BOARD
More results


Similar Description - SPT7824

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7814 CADEKA-SPT7814 Datasheet
3Mb / 11P
10-BIT, 40 MSPS, ECL OUTPUT A/D CONVERTER
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
10-BIT, 40 MSPS A/D CONVERTER
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com