Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC22052AKHC Datasheet (PDF) - Cadeka Microcircuits LLC.

TMC22052AKHC Datasheet PDF - Cadeka Microcircuits LLC.
Part # TMC22052AKHC
Download  TMC22052AKHC Download
File Size   554.57 Kbytes
Page   84 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit

TMC22052AKHC Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC22052AKHC Datasheet PDF - Cadeka Microcircuits LLC.

Part # TMC22052AKHC
Download  TMC22052AKHC Click to download

File Size   554.57 Kbytes
Page   84 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit

TMC22052AKHC Datasheet (HTML) - Cadeka Microcircuits LLC.


TMC22052AKHC Product details

Description
The TMC22x5yA family of Digital Video Decoders offers unprecedented, broadcast-quality video processing performance in a single chip. It accepts line-locked or subcarrier locked composite, YC, or D1 digital video and produces digital components in a variety of formats.
An internal three-line adaptive comb decoder structure produces optimal picture quality with a wide range of source material. NTSC/PAL field and NTSC frame based decoding is supported with external memory. Full comb programmability allows the user to tailor the decoder’s response to a particular systems goals.
A family of products offers 3-line, 2-line, and simple decoders in 8-bit and 10-bit versions—all in a pin and software compatible format. Serial and parallel control ports are provided. These submicron CMOS devices are packaged in a 100-lead Metric Quad Flat Pack (MQFP).

Features
• Very high performance, low cost
• Adaptive comb-based decoding
• Multiple pin-compatible versions
   - 3-line, 2-line, and band-split
   - 8- and 10-bit processing
• Internal digital linestores
• Supports NTSC/PAL field and NTSC frame based decoding
• Multiple input formats
   - CCIR-601/624 (D1), D2, CVBS, YC
• Multiple output formats
   - CCIR-601/624 (D1), RGB, YCBCR
• 10-18 Mpps data rate
• Parallel and serial control interface
• Single +5V power supply

Applications
• Studio television equipment
• Personal computer video input
• MPEG and JPEG compression inputs




Similar Part No. - TMC22052AKHC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC22052AKHC FAIRCHILD-TMC22052AKHC Datasheet
417Kb / 84P
Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
More results


Similar Description - TMC22052AKHC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
MULTISTANDARD VIDEO DECODER
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
MULTISTANDARD VIDEO DECODER/SCALER
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
Jul-2003
logo
Samsung semiconductor
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
MULTISTANDARD VIDEO DECODER/SCALER
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
Dec-2004
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com