Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC1103 Datasheet (PDF) - Cadeka Microcircuits LLC.

TMC1103 Datasheet PDF - Cadeka Microcircuits LLC.
Part # TMC1103
Download  TMC1103 Download
File Size   187.71 Kbytes
Page   16 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Triple Video A/D Converter with Clamps 8-Bit, 50Msps

TMC1103 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC1103 Datasheet PDF - Cadeka Microcircuits LLC.

Part # TMC1103
Download  TMC1103 Click to download

File Size   187.71 Kbytes
Page   16 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Triple Video A/D Converter with Clamps 8-Bit, 50Msps

TMC1103 Datasheet (HTML) - Cadeka Microcircuits LLC.


TMC1103 Product details

Description
Incorporated into the TMC1103 are three analog-to-digital (A/D) converters, each with an independent clock, reference voltage and input clamp. Analog signals are converted to Triple 8-bit digital words at sample rates up to 50 Msps (Megasamples per second) per channel.

Features
• 8-bit resolution
• 50 Msps conversion rate
• Low power: 100mW per channel @ 20 Msps
• Integral track/hold
• Independent Input Clamps
• Independent clock inputs
• Integral and differential linearity error 0.5 LSB
• Differential phase 0.7 degree
• Differential gain 1.8%
• Single +5V power supply
• Three-state TTL/CMOS-compatible outputs
• Low cost

Applications
• Video digitizing (composite and Y-C)
• VGA and CCD digitizing
• LCD projection panels
• Image scanners
• Personal computer video boards
• Multimedia systems
• Low cost, high speed data conversion




Similar Part No. - TMC1103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC1103 FAIRCHILD-TMC1103 Datasheet
86Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103KLC20 FAIRCHILD-TMC1103KLC20 Datasheet
86Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103KLC20 FAIRCHILD-TMC1103KLC20 Datasheet
87Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103KLC40 FAIRCHILD-TMC1103KLC40 Datasheet
86Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103KLC40 FAIRCHILD-TMC1103KLC40 Datasheet
87Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
More results


Similar Description - TMC1103

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Sony Corporation
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
8-bit 50MSPS Video A/D Converter with Clamp Function
logo
Fairchild Semiconductor
TMC1103 FAIRCHILD-TMC1103 Datasheet
86Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
FMS9874 FAIRCHILD-FMS9874 Datasheet
172Kb / 25P
Graphics Digitizer - 3x8-Bit, 108Ms/s Triple Video A/D Converter with Clamps
FMS9875 FAIRCHILD-FMS9875 Datasheet
484Kb / 29P
Triple 8-Bit, 108/140 MHz A/D Converter with Clamps and PLL
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
8-Bit, 50MSPS, Video A/D Converter with Clamp Function
October 25, 2005
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
Triple Video A/D Converter 8-Bit, 50Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com