Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC1203 Datasheet (PDF) - Cadeka Microcircuits LLC.

TMC1203 Datasheet PDF - Cadeka Microcircuits LLC.
Part # TMC1203
Download  TMC1203 Download
File Size   193.3 Kbytes
Page   16 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Triple Video A/D Converter 8-Bit, 50Msps

TMC1203 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC1203 Datasheet PDF - Cadeka Microcircuits LLC.

Part # TMC1203
Download  TMC1203 Click to download

File Size   193.3 Kbytes
Page   16 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Triple Video A/D Converter 8-Bit, 50Msps

TMC1203 Datasheet (HTML) - Cadeka Microcircuits LLC.


TMC1203 Product details

Description

Incorporated into the TMC1203 are three analog-to-digital (A/D) converters, each with independent clocks and refer ence voltages. Analog signals are converted to Triple 8-bit digital words at sample rates up to 50 Msps (Megasamples per second) per channel.



Features

• 8-bit resolution

• 50 Msps conversion rate

• Low power: 100mW per channel @ 20 Msps

• Integral track/hold

• Independent clock inputs

• Integral and differential linearity error 0.5 LSB

• Differential phase 0.7 degree

• Differential gain 1.8%

• Single +5V power supply

• Three-state TTL/CMOS-compatible outputs

• Low cost



Applications

• Video digitizing (composite and Y-C)

• VGA and CCD digitizing

• LCD projection panels

• Image scanners

• Personal computer video boards

• Multimedia systems

• Low cost, high speed data conversion

• Digital communications




Similar Part No. - TMC1203

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC1203 FAIRCHILD-TMC1203 Datasheet
88Kb / 16P
Triple Video A/D Converter
TMC1203KLC20 FAIRCHILD-TMC1203KLC20 Datasheet
88Kb / 16P
Triple Video A/D Converter
TMC1203KLC40 FAIRCHILD-TMC1203KLC40 Datasheet
88Kb / 16P
Triple Video A/D Converter
TMC1203KLC50 FAIRCHILD-TMC1203KLC50 Datasheet
88Kb / 16P
Triple Video A/D Converter
More results


Similar Description - TMC1203

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Sony Corporation
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
8-bit 50MSPS Video A/D Converter with Clamp Function
logo
Fairchild Semiconductor
TMC1103 FAIRCHILD-TMC1103 Datasheet
86Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
8-Bit, 50MSPS, Video A/D Converter with Clamp Function
October 25, 2005
logo
Cadeka Microcircuits LL...
TMC1103 CADEKA-TMC1103 Datasheet
187Kb / 16P
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com