Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC3503 Datasheet (PDF) - Cadeka Microcircuits LLC.

TMC3503 Datasheet PDF - Cadeka Microcircuits LLC.
Part # TMC3503
Download  TMC3503 Download
File Size   171.28 Kbytes
Page   14 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Triple Video D/A Converter 8 bit, 80 Msps, 5V

TMC3503 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC3503 Datasheet PDF - Cadeka Microcircuits LLC.

Part # TMC3503
Download  TMC3503 Click to download

File Size   171.28 Kbytes
Page   14 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Triple Video D/A Converter 8 bit, 80 Msps, 5V

TMC3503 Datasheet (HTML) - Cadeka Microcircuits LLC.


TMC3503 Product details

Description
The TMC3503 is a high-speed triple 8-bit D/A converter  especially suited for video and graphics applications.  It offers 8-bit resolution, TTL-compatible inputs, low power  consumption, a power-down sleep mode, and requires only a  single +5 Volt power supply.

Features
• 8-bit resolution
• 80, 50, and 30 megapixels per second
• ±0.5 LSB linearity error
• Sync, blank, and white controls
• Independent sync current output
• 1.0V p-p video into 37.5Ω or 75Ω load
• Enhancemenet of ADV7120
    –  Internal bandgap voltage reference
    –  Double-buffered data for low distortion
    –  Power-down sleep mode
• Double-buffered data for low distortion
• TTL-compatible inputs
• Low glitch energy
• Single +5 Volt power supply

Applications
• Video signal conversion
    –  RGB
    –  YCBCR
    –  Composite, Y, C
• Multimedia systems
• Image processing
• True-color graphics systems
• Broadcast television equipment
• High-Definition Television (HDTV) equipment
• Direct digital synthesis




Similar Part No. - TMC3503

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3503KRC30 FAIRCHILD-TMC3503KRC30 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3503KRC50 FAIRCHILD-TMC3503KRC50 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3503KRC80 FAIRCHILD-TMC3503KRC80 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3503R2C30 FAIRCHILD-TMC3503R2C30 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
More results


Similar Description - TMC3503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8134 TI-THS8134 Datasheet
346Kb / 24P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
Video A/D Converter 8 bit, 40 Msps
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com