Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC3033 Datasheet (PDF) - Cadeka Microcircuits LLC.

TMC3033 Datasheet PDF - Cadeka Microcircuits LLC.
Part # TMC3033
Download  TMC3033 Download
File Size   216.71 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Triple Video D/A Converter 10 bit, 80 Msps

TMC3033 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC3033 Datasheet PDF - Cadeka Microcircuits LLC.

Part # TMC3033
Download  TMC3033 Click to download

File Size   216.71 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Triple Video D/A Converter 10 bit, 80 Msps

TMC3033 Datasheet (HTML) - Cadeka Microcircuits LLC.


TMC3033 Product details

Description
The TMC3033 is a high-speed triple 10-bit D/A converter  especially suited for video and graphics applications.  It offers 10-bit resolution, TTL-compatible inputs, low  power consumption, and requires only a single +3.3 Volt  ±5% power supply. It has single-ended current outputs,  SYNC and BLANK control inputs, and a separate current  source for adding sync pulses to the Green D/A converter  output. It is ideal for generating analog RGB from digital  RGB and driving computer display and video monitors.  Three speed grades are available: 30, 50, and 80 Msps.

Features
• 10-bit resolution
• 80, 50, and 30 megapixels per second
• Sync and blank controls
• Sync on green D/A output
• 1.0V p-p video into 37.5Ω or 75Ω load
• Enhancement of ADV7122
    –  Internal bandgap voltage reference
    –  Double-buffered data for low distortion
• TTL-compatible inputs
• Low glitch energy
• Single +3.3 Volt ±5% power supply

Applications
• Video signal conversion
    –  RGB
    –  YCBCR
    –  Composite, Y, C
• Multimedia systems
• Image processing
• True-color graphics systems (1 billion colors)
• Broadcast television equipment
• High-Definition Television (HDTV) equipment
• Direct digital synthesis




Similar Part No. - TMC3033

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3033KRC30 FAIRCHILD-TMC3033KRC30 Datasheet
119Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3033KRC50 FAIRCHILD-TMC3033KRC50 Datasheet
119Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3033KRC80 FAIRCHILD-TMC3033KRC80 Datasheet
119Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3033R2C30 FAIRCHILD-TMC3033R2C30 Datasheet
119Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
More results


Similar Description - TMC3033

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
Triple Video D/A Converter 10 bit, 80 Msps
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com