Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC3033 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # TMC3033
Description  Triple Video D/A Converter 10 bit, 80 Msps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3033 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  TMC3033 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT SPECIFICATION
TMC3033
3
Table 1. Output Voltage versus Input Code, SYNC, and BLANK
VREF = 1.235 V, RREF = 572
Ω, RL = 37.5 Ω
Pin Assignments
RGB9-0
(MSB...LSB)
Red and Blue D/As
Green D/A
SYNC
BLANK
VOUT
SYNC
BLANK
VOUT
11 1111 1111
X
1
0.7140
1
1
1.0000
11 1111 1110
X
1
0.7134
1
1
0.9994
11 1111 1101
X
1
0.7127
1
1
0.9987
•
•
•
•
•
•
•
•
•
•
•
•
•
•
10 0000 0000
X
1
0.3843
1
1
0.6703
01 1111 1111
X
1
0.3837
1
1
0.6697
•
•
•
•
•
•
•
•
•
•
•
•
•
•
00 0000 0010
X
1
0.0553
1
1
0.3413
00 0000 0001
X
1
0.0546
1
1
0.3406
00 0000 0000
X
1
0.0540
1
1
0.3400
xx xxxx xxxx
X
0
0.0000
1
0
0.2860
xx xxxx xxxx
X
0
0.0000
0
0
0.0000
G1
G2
G3
G4
G5
G6
G7
G8
G9
BLANK
SYNC
RREF
VREF
COMP
IOR
IOG
VDD
VDD
IOB
GND
GND
CLK
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
TMC3033
G1
G2
G3
G4
G5
G6
G7
G8
G9
BLANK
VDD
RREF
VREF
COMP
IOG
IOR
OVDD
VDD
IOB
GND
GND
NC
1
2
3
4
5
6
7
8
9
10
SYNC
11
12
36
35
34
33
32
31
30
29
28
27
CLOCK
26
25
TMC3033
LQFP
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com