Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC3033 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # TMC3033
Description  Triple Video D/A Converter 10 bit, 80 Msps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3033 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  TMC3033 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRODUCT SPECIFICATION
TMC3033
5
Equivalent Circuits
Figure 2. Equivalent Digital Input Circuit
Figure 3. Equivalent Analog Output Circuit
Voltage Reference
VREF
38
35
+1.235 V
Voltage Reference output/input. An internal voltage
source of +1.235 Volts is output on this pin. An external
+1.235 Volt reference may be applied here which
overrides the internal reference. Decoupling VREF to GND
with a 0.1
µF ceramic capacitor is required.
RREF
39
36
572
Ω
Current-setting resistor. The full-scale output current of
each D/A converter is determined by the value of the
resistor connected between RREF and GND. The nominal
value for RREF is found from:
RREF = 9.1( VREF/IFS),
but is optimized to be 572
Ω. IFS is the full-scale (white)
output current (in amps) from an output without sync. Sync
current is 0.4 * IFS.
D/A full-scale (white) current may also be calculated from:
IFS = VFS/ RL
Where VFS is the white voltage level and RL is the total
resistive load (in ohms) on each D/A converter. VFS is the
blank to full-scale voltage.
COMP
37
34
0.1
µF
Compensation capacitor. A 0.1
µF ceramic capacitor
must be connected between COMP and VDD to stabilize
internal bias circuitry.
Power and Ground
VDD
18, 33, 34
12, 30, 31
+3.3 V
Power supply
GND
30, 31
27, 28
0.0 V
Ground
Pin Descriptions (continued)
Pin Name
Pin Number
Value
Description
PLCC
LQFP
Digital
Input
VDD
p
n
27014C
GND
n
p
OUT
GND
27013B
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com