Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC3033 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # TMC3033
Description  Triple Video D/A Converter 10 bit, 80 Msps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3033 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  TMC3033 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3033 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TMC3033
PRODUCT SPECIFICATION
2
Functional Description
The TMC3033 is a low-cost triple 10-bit CMOS D/A
converter designed to directly drive computer CRT displays
and video transmission lines at pixel rates of up to 80 Msps.
It comprises three identical 10-bit D/A converters with
registered data inputs, common clock, and internal voltage
reference. An independent current source allows sync to be
added to the green D/A converter output.
Digital Inputs
All digital inputs are TTL-compatible. Data are registered on
the rising edge of the CLK signal. The analog output
changes tDO after the rising edge of CLK. There is one stage
of pipeline delay on the chip. The guaranteed clock rates of
the TMC3033 are 80, 50, and 30 MHz.
SYNC and BLANK
SYNC and BLANK inputs control the output level
(Figure 1 and Table 1) of the D/A converters during CRT
retrace intervals. BLANK forces the D/A outputs to the
blanking level while SYNC turns off a separate current
source which is connected to the green D/A converter. This
connection adds a 40 IRE sync pulse to the D/A output and
brings that D/A output to 0.0 Volts during the sync tip.
SYNC and BLANK are registered on the rising edge of
CLK.
BLANK gates the D/A inputs and sets the pedestal voltage.
If BLANK = HIGH, the D/A inputs are added to a pedestal
which offsets the current output. If BLANK = LOW, data
inputs and the pedestal are disabled.
Figure 1. Nominal Output Levels
data: 660 mV max.
65-3003-02
pedestal: 54 mV
sync: 286 mV
D/A Outputs
Each D/A output is a current source. To obtain a voltage out-
put a resistor must be connected to ground. Output voltage of
the D/A converters depends upon this resistor, the reference
voltage, and the value of the gain-setting resistor connected
between RREF and GND.
Normally, a source termination resistor of 75 Ohms is con-
nected between the D/A current output pin and GND near
the D/A converter. A 75 Ohm coaxial cable may then be con-
nected with another 75 Ohm termination resistor at the far
end of the cable. This “double termination” presents the D/A
converter with a net resistive load of 37.5 Ohms.
The TMC3033 may also be operated with a single 75 Ohm
terminating resistor. To lower the output voltage swing to the
desired range, the value of the resistor on RREF should be
increased.
Voltage Reference
The TMC3033 has an internal bandgap voltage reference
of +1.235 Volts. An external voltage reference may be
connected to the VREF pin, overriding the internal voltage
reference. All three D/A converters are driven from the same
reference.
A 0.1
µF capacitor must be connected between the COMP
pin and VDD to stabilize internal bias circuitry and ensure
low-noise operation.
Power and Ground
The TMC3033 D/A converter requires a single +3.3 Volt
power supply. The analog (VDD) power supply voltage
should be decoupled to GND to reduce power supply
induced noise. 0.1
µF decoupling capacitors should be placed
as close as possible to the power pins.
The high slew-rate of digital data makes capacitive coupling
to the outputs of any D/A converter a potential problem.
Since the digital signals contain high-frequency components
of the CLK signal, as well as the video output signal, the
resulting data feedthrough often looks like harmonic distor-
tion or reduced signal-to-noise performance. All ground pins
should be connected to a common solid ground plane for
best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com