Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC1175A Datasheet (PDF) - Cadeka Microcircuits LLC.

TMC1175A Datasheet PDF - Cadeka Microcircuits LLC.
Part # TMC1175A
Download  TMC1175A Download
File Size   467.91 Kbytes
Page   18 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Video A/D Converter 8 bit, 40 Msps

TMC1175A Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC1175A Datasheet PDF - Cadeka Microcircuits LLC.

Part # TMC1175A
Download  TMC1175A Click to download

File Size   467.91 Kbytes
Page   18 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Video A/D Converter 8 bit, 40 Msps

TMC1175A Datasheet (HTML) - Cadeka Microcircuits LLC.


TMC1175A Product details

Description
The TMC1175A analog-to-digital (A/D) converter employs a two-step flash architecture to convert analog signals into 8-bit digital words at sample rates of up to 40 Msps (Megasamples per second). An integral Track/Hold circuit delivers excellent performance on signals with full-scale frequency components up to 12 MHz. Innovative architecture and submicron CMOS technology limit typical power dissipation to 100 mW.

Features
• 8-Bit resolution
• 40 Msps conversion rate
• Low power: 100mW at 20 Msps
• Integral track/hold
• Integral and differential linearity error 0.5 LSB
• Single or dual +5 Volt supplies
• Differential phase 0.5 degree
• Differential gain 1.5%
• Three-state TTL/CMOS-compatible outputs
• Low cost

Applications
• Video digitizing
• VGA and CCD digitizing
• LCD projection panels
• Image scanners
• Personal computer video boards
• Multimedia systems
• Low cost, high speed data conversion




Similar Part No. - TMC1175A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC1175A FAIRCHILD-TMC1175A Datasheet
707Kb / 5P
Video A/D Conveter
TMC1175AM7C20 FAIRCHILD-TMC1175AM7C20 Datasheet
707Kb / 5P
Video A/D Conveter
TMC1175AM7C30 FAIRCHILD-TMC1175AM7C30 Datasheet
707Kb / 5P
Video A/D Conveter
TMC1175AM7C40 FAIRCHILD-TMC1175AM7C40 Datasheet
707Kb / 5P
Video A/D Conveter
TMC1175AN2C20 FAIRCHILD-TMC1175AN2C20 Datasheet
707Kb / 5P
Video A/D Conveter
More results


Similar Description - TMC1175A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
8-Bit, 35 MSPS, Video A/D Converter
August 1997
HI1179 INTERSIL-HI1179_05 Datasheet
303Kb / 15P
8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
logo
Analog Devices
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com