Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC1175A Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # TMC1175A
Description  Video A/D Converter 8 bit, 40 Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1175A Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button TMC1175A Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 13Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PRODUCT SPECIFICATION
TMC1175A
REV. 1.3.3 2/28/02
9
Note:
1. Typical values with VDDD = VDDA = Nom and TA = Nom, Minimum/Maximum values with VDDD = VDDA = Max and TA = Min.
Switching Characteristics
ICB
Input Current, Analog
±1
µA
RREF Reference Resistance
200
270
340
Ω
IIH
Input Current, HIGH
VDDD = Max, VIN = VDDD
±5
µA
IIL
Input Current, LOW
VDDD = Max, VIN = 0V
±5
µA
IOZH
Hi-Z Output Leakage
VDDD = Max, VIN = VDDD
±5
µA
IOZL
Hi-Z Output Leakage
VDDD = Max, VIN = 0V
±5
µA
IOS
Short-Circuit Current
-30
mA
VOH
Output Voltage, HIGH
IOH = -100µA
VDDD-0.3
V
IOH = -2.5mA
3.5
V
IOH = Max
2.4
V
VOL
Output Voltage, LOW
IOL = Max
0.4
V
CDI
Digital Input Capacitance
4
10
pF
CDO
Digital Output Capacitance
10
pF
Parameter
Conditions
Min
Typ
Max
Units
tSTO
Sampling Time Offset
2
5
8
ns
tHO
Output Hold Time
CLOAD = 15pF
5
ns
tDO
Output Delay Time
CLOAD = 15pF
20
ns
tENA
Output Enable Time
27
ns
tDIS
Output Disable Time
42
ns
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ1
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com