Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC1175A Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # TMC1175A
Description  Video A/D Converter 8 bit, 40 Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1175A Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button TMC1175A Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC1175A Datasheet HTML 17Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PRODUCT SPECIFICATION
TMC1175A
REV. 1.3.3 2/28/02
13
Figure 12. Typical Interface Circuit-High Performance
+5V
+
-
+
-
0.1
µF
2V
0.1mF
0.1
µF
VDDA
VDDD
VR+
RT
RB
VR-
VIN
AGND
DGND
OE
CONV
D7-0
TMC1175A
0.1
µF
0.1
µF
2k
Ω
1k
Ω
LM385
1k
Ω
1k
Ω
75
Ω
455
Ω
455
Ω
20
Ω
Video
Input
+5V
Regulated +5V
Gain Adjust
+5V
27056A
Wideband
Op-amp
Figure 13. Typical Interface Circuit – Low Cost
Figure 14. Typical Interface Circuit – Stabilized Reference
0.1
µF
0.1
µF
0.1
µF
10
µF
+5V
2.2k
Ω
2k
Ω
560
Ω
75
Ω
Video
Input
24458A
Offset
Adjust
+5V
0.1
µF
0.1
µF
VDDA
VDDD
VR+
RT
RB
VR-
VIN
AGND
DGND
OE
CONV
D7-0
TMC1175A
0.1
µF
10
µF
1k
Ω
1k
Ω
56
Ω
RF
Input
24457A
+5V
0.1
µF
0.1
µF
VDDA
VDDD
VR+
RT
RB
VR-
VIN
AGND
DGND
OE
CONV
D7-0
TMC1175A
LM385
Grounding
The TMC1175A has separate analog and digital
circuits. To keep digital system noise from the A/D
converter, it is recommended that power supply voltages
(VDDD and VDDA) originate from separate sources with
VDDA regulated, and that ground connections (DGND and
AGND) be made to the analog ground plane. Power supply
pins should be individually decoupled at the pin. The digital
circuitry that gets its input from the TMC1175A should be
referred to the system digital ground plane.
Printed Circuit Board Layout
Designing with high performance mixed-signal circuits
demands printed circuits with ground planes. Wire-wrap is
not an option, even for breadboarding. Overall system per-
formance is strongly influenced by the board layout. Capac-
itive coupling from digital to analog circuits may result in
poor A/D conversion. Consider the following suggestions
when doing the layout:
1. Keep the critical analog traces (VIN, RT, RB, VR+,
VR-) as short as possible and as far as possible from all
digital signals. The TMC1175A should be located near
the board edge, close to the analog input connectors.
2. The power plane for the TMC1175A should be sepa-
rate from that which supplies the rest of the digital cir-
cuitry. A single power plane should be used for all of
the VDD pins. If the power supply for the TMC1175A
is the same as that of the system's digital circuitry,
power to the TMC1175A should be decoupled with
ferrite beads and 0.1µF capacitors to reduce noise.
3. The ground plane should be solid, not cross-hatched.
Connections to the ground plane should have very
short leads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com