Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC1203 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # TMC1203
Description  Triple Video A/D Converter 8-Bit, 50Msps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1203 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  TMC1203 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TMC1203
PRODUCT SPECIFICATION
2
Circuit Function
Within the TMC1203 are three 8-bit A/D converters, each
employing two-step architecture to convert an analog input
to a digital output at rates up to 50 Msps. Input signals are
held in integral track/hold stages during the conversion pro-
cess. Operation is pipelined, with one input sample taken and
one output word provided for each CLKX cycle.
Each of the three converters function identically. In the fol-
lowing descriptions ‘X’ refers to a generic input/output or
clock where ‘X’ is equivalent to A, B or C.
The first step in the conversion process is a coarse 4-bit
quantization. This determines the range of the subsequent
fine 4-bit quantization step. To eliminate spurious codes, the
fine 4-bit A/D quantizer output is gray-coded and converted
to binary before it is combined with the coarse result to form
a complete 8-bit result.
Analog Input and Voltage References
Each A/D accepts analog signals in the range RBX to RTX into
digital data. Input signals outside this range produce “satu-
rated” 00h or FFh output codes. The device will not
be damaged by signals within the range AGND to VDDA.
Input range is very flexible and extends from the +5 Volt
power supply to ground. Nominal input range is 2 Volts,
extending from 0.6V to 2.6V. Characterization and
performance is specified over this range. However, the
part will function with a full-scale range from 1.0V to 5.0V.
A smaller input range may simplify analog signal condition-
ing circuitry, at the expense of additional noise sensitivity
and some reduced differential linearity performance.
External voltage reference sources are connected to the RTX
and RBX pins. RBX can be grounded. Within each A/D con-
verter is a reference resistor ladder comprising 255 resistors
that are accessed by the TMC1203 comparators. RTX is con-
nected to the top of the ladder, RBX to the bottom. Gain and
offset errors are directly related to the accuracy and stability
of the applied reference voltages.
Because a two-step conversion process is employed, it is
important that the references remain stable during the
ENTIRE conversion process (two clock cycles). The refer-
ence voltage can then be changed, but any conversion in
progress during a reference change is invalid.
Digital Inputs and Outputs
Sampling of the applied input signal occurs on the "falling"
edge of the CLKX signal (Figure 1). Output data is delayed
by 2 1/2 CLKX cycles and is valid following the "rising"
edge of CLKX. Previous output data remains valid for tHO
(Output Hold Time), satisfying any hold time requirement of
the receiving circuit. New data becomes valid tD (Output
Delay Time) after this rising edge of CLKX.
Whenever the analog input signal is sampled and found to be
at a level beyond the A/D conversion range, the output limits
at 00h or FFh, as appropriate.
Table 1. A/D Output Coding
Note: 1 LSB = (RTX - RBX) / 255
The outputs of the TMC1203 are CMOS- and
TTL-compatible, and are capable of driving four low-power
Schottky TTL loads. An Output Enable control, OEX, places
the A/D outputs in a high-impedance state when HIGH.
The outputs are enabled when OEX is LOW.
Power and Ground
The TMC1203 operates from a single +5 Volt power supply.
For optimum performance, it is recommended that AGND
and DGND pins of the TMC1203 be connected to the system
analog ground plane.
Input Voltage
Output
RTX + 1 LSB
FF
RTX
FF
RTX - 1 LSB
FE
• • •
• • •
RBX + 128 LSB
80
RBX + 127 LSB
7F
• • •
• • •
RBX + 1 LSB
01
RBX
00
RBX - 1 LSB
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com