Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC1203 Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # TMC1203
Description  Triple Video A/D Converter 8-Bit, 50Msps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC1203 Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button TMC1203 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC1203 Datasheet HTML 16Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PRODUCT SPECIFICATION
TMC1203
13
2.
Segregate traces:
• A/D analog
• D/A analog
• Clocks
• Digital
Treat analog inputs as transmission lines. Cleanly route
traces over the ground plane bearing in mind that the
return currents will flow through the ground plane
beneath the traces. Do not route digital traces nearby.
A few inches of digital trace less than a few line widths
from an analog trace will cross-couple noise into
adjacent analog circuits.
3.
The power plane for the TMC1203 should be separate
from that which supplies the rest of the digital circuitry.
A single power plane should be used for all of the VDD
pins. If the power supply for the TMC1203 is the same
as that of the system's digital circuitry, power to the
TMC1203 should be decoupled with ferrite beads and
0.1
mF capacitors to reduce noise.
4.
The ground plane should be solid, not cross-hatched.
Connections to the ground plane should have very short
leads.
5.
Decoupling capacitors should be applied liberally to
VDD pins. Remember that not all power supply pins are
created equal. They supply different circuits on the inte-
grated circuit, each of which generate varying amounts
and types of noise. For best results, use 0.1
mF ceramic
capacitors. Lead lengths should be minimized. Ceramic
chip capacitors are the best choice.
6.
If the digital power supply has a dedicated power plane
layer, it should not be placed under the TMC1203, the
voltage reference, or the analog inputs. Capacitive cou-
pling of digital power supply noise from this layer to the
TMC1203 and its related analog circuitry can have an
adverse effect on performance.
7.
CLKX should be handled carefully. Jitter and noise on
this clock may degrade performance. Terminate the
clock line, if needed, to eliminate overshoot and ringing.
Related Products
• TMC1175A, TMC1275 8-Bit Video A/D Converters
• TMC1173A, TMC1273 3V, Low-Power 8-Bit Video
A/D Converters
• TMC1103 Triple 8-bit A/D with Clamps and PLL
• TMC3003/TMC3503 Triple Video D/A Converters
• TMC2242B/TMC2243/TMC2246A Digital Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com