Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2246A Datasheet (PDF) - Cadeka Microcircuits LLC.

TMC2246A Datasheet PDF - Cadeka Microcircuits LLC.
Part # TMC2246A
Download  TMC2246A Download
File Size   373.82 Kbytes
Page   18 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Image Filter 11 x 10 bit, 60 MHz

TMC2246A Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC2246A Datasheet PDF - Cadeka Microcircuits LLC.

Part # TMC2246A
Download  TMC2246A Click to download

File Size   373.82 Kbytes
Page   18 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Image Filter 11 x 10 bit, 60 MHz

TMC2246A Datasheet (HTML) - Cadeka Microcircuits LLC.


TMC2246A Product details

Description
The TMC2246A is a video-speed convolutional array composed of four 11 x 10 bit registered multipliers followed by a summer and an accumulator. All eight multiplier inputs are accessible to the user and may be updated every clock cycle with integer or fractional two’s complement data. A pipelined architecture, fully registered input and output ports, and asynchronous three-state output enable control simplify the design of complex systems.
The data or coefficient inputs to the multipliers may be held over multiple clock cycles, providing storage for mixing and filtering coefficients. The 25-bit internal accumulator path allows two bits of cumulative word growth and may be internally rounded to 16 bits. Output data are updated every clock cycle, or may be held under user control. All data inputs, outputs, and controls are TTL compatible and (except for the three-state output enable) are registered on the rising edge of CLK.
The TMC2246A is uniquely suited to performing pixel interpolation in image manipulation and filtering applications. As a companion to the Fairchild Semiconductor TMC2301 and TMC2302 Image Manipulation Sequencers, the TMC2246A can execute a bilinear interpolation of an image (4-pixel kernels) at real-time video rates. Larger kernels or other, more complex, functions can be realized with no loss in performance by utilizing multiple devices.
With unrestricted access to all data and coefficient input ports, the TMC2246A offers considerable flexibility in applications performing digital filtering, adaptive FIR filters, mixers, and other similar systems requiring high-speed processing.

Features
• 60 MHz computation rate
• 60 MHz data and coefficient input
• Four 11 x 10-bit multipliers
• Individual data and coefficient inputs
• 25-Bit accumulator
• Fractional and integer two’s complement data formats
• Input and output data latches with user-configurable enables
• Selectable 16-bit rounded output
• Internal 1/2 LSB rounding
• Available in 120-pin CPGA, PPGA, MPGA, or MQFP

Applications
• Fast pixel interpolation
• Fast image manipulation
• Image mixing and keying
• High-performance FIR filters
• Adaptive digital filters
• One- and two-dimensional image processing




Similar Part No. - TMC2246A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2246A FAIRCHILD-TMC2246A Datasheet
266Kb / 18P
Image Filter 11 x 10 bit, 60 MHz
TMC2246AG1C FAIRCHILD-TMC2246AG1C Datasheet
266Kb / 18P
Image Filter 11 x 10 bit, 60 MHz
TMC2246AG1C1 FAIRCHILD-TMC2246AG1C1 Datasheet
266Kb / 18P
Image Filter 11 x 10 bit, 60 MHz
TMC2246AG1C2 FAIRCHILD-TMC2246AG1C2 Datasheet
266Kb / 18P
Image Filter 11 x 10 bit, 60 MHz
TMC2246AH5C FAIRCHILD-TMC2246AH5C Datasheet
266Kb / 18P
Image Filter 11 x 10 bit, 60 MHz
More results


Similar Description - TMC2246A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2246A FAIRCHILD-TMC2246A Datasheet
266Kb / 18P
Image Filter 11 x 10 bit, 60 MHz
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
Digital Mixer 12 x 12 Bit, 60 MHz
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901 Datasheet
62Kb / 9P
3 x 3 Image Filter
1999 05
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
11 x 10-bit Image Filter
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
3 x 3 Image Filter
July 2004
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
434 MHz SAW Filter 11 MHz Bandwidth
logo
API Technologies Corp
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
434 MHz SAW Filter 11 MHz Bandwidth
logo
KR Electronics, Inc.
2884-SMA KR-2884-SMA Datasheet
98Kb / 3P
11 MHz Lowpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2634A TAI-SAW-TA2634A Datasheet
464Kb / 8P
SAW Filter 2140 MHz BW 60 MHz SMD 1.4 x 1.1mm
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
3 x 3 Image Filter
July 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com