Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2246 Datasheet (PDF) - LOGIC Devices Incorporated

LF2246 Datasheet PDF - LOGIC Devices Incorporated
Part # LF2246
Download  LF2246 Download
File Size   248.51 Kbytes
Page   7 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 11 x 10-bit Image Filter

LF2246 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF2246 Datasheet PDF - LOGIC Devices Incorporated

Part # LF2246
Download  LF2246 Click to download

File Size   248.51 Kbytes
Page   7 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 11 x 10-bit Image Filter

LF2246 Datasheet (HTML) - LOGIC Devices Incorporated


LF2246 Product details

DESCRIPTION
The LF2246 consists of an array of four 11 x 10-bit registered multipliers followed by a summer and a 25-bit accumulator. All multiplier inputs are user accessible and can be updated every clock cycle with either fractional or integer two’s complement data. The pipelined architecture has fully registered input and output ports and an asynchronous three-state output enable control to simplify the design of complex systems. The pipeline latency for all inputs is five clock cycles.

FEATURES
❑ 66 MHz Data and Coefficient Input and Computation Rate
❑ Four 11 x 10-bit Multipliers with Individual Data and Coefficient Inputs and a 25-bit Accumulator
❑ User-Selectable Fractional or Integer Two’s Complement Data Formats
❑ Fully Registered, Pipelined Architecture
❑ Input and Output Data Registers, with User-Configurable Enables
❑ Three-State Outputs
❑ Fully TTL Compatible
❑ Ideally Suited for Image Processing and Filtering Applications
❑ Replaces TRW/Raytheon/Fairchild TMC2246
❑ 120-pin PQFPP




Similar Part No. - LF2246

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF224 ETC-LF224 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242JC25 LODEV-LF2242JC25 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242JC33 LODEV-LF2242JC33 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242QC25 LODEV-LF2242QC25 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
More results


Similar Description - LF2246

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3725A NEC-UPD3725A Datasheet
183Kb / 22P
5000-BIT x 3 CCD COLOR LINEAR IMAGE SENSOR
logo
Fairchild Semiconductor
TMC2246A FAIRCHILD-TMC2246A Datasheet
266Kb / 18P
Image Filter 11 x 10 bit, 60 MHz
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901 Datasheet
62Kb / 9P
3 x 3 Image Filter
1999 05
logo
LOGIC Devices Incorpora...
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
Vertical Digital Image Filter
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
8-Bit Vertical Digital Image Filter
logo
Panasonic Semiconductor
AN8133FHQ PANASONIC-AN8133FHQ Datasheet
192Kb / 4P
10-bit A/D Converter for Image-processing
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
3 x 3 Image Filter
July 2004
logo
Cadeka Microcircuits LL...
TMC2246A CADEKA-TMC2246A Datasheet
373Kb / 18P
Image Filter 11 x 10 bit, 60 MHz
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
10/12-Bit Image Sensor Processor Analog Front End
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
3 x 3 Image Filter
July 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com