Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2242 Datasheet (PDF) - LOGIC Devices Incorporated

LF2242 Datasheet PDF - LOGIC Devices Incorporated
Part # LF2242
Download  LF2242 Download
File Size   136.31 Kbytes
Page   8 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 12/16-bit Half-Band Interpolating/ Decimating Digital Filter

LF2242 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF2242 Datasheet PDF - LOGIC Devices Incorporated

Part # LF2242
Download  LF2242 Click to download

File Size   136.31 Kbytes
Page   8 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 12/16-bit Half-Band Interpolating/ Decimating Digital Filter

LF2242 Datasheet (HTML) - LOGIC Devices Incorporated


LF2242 Product details

DESCRIPTION
The LF2242 is a linear-phase, half band (low pass) interpolating/decimating digital filter that, unlike intricate analog filters, requires no tuning. The LF2242 can also significantly reduce the complexity of traditional analog anti-aliasing prefilters without compromising the signal bandwidth or attenuation. This can be achieved by using the LF2242 as a decimating post-filter with an A/D converter and by sampling the signal at twice the rate needed. Likewise, by using the LF2242 as an interpolating pre-filter with a D/A converter, the corresponding analog reconstruction post-filter circuitry can be simplified.

FEATURES
❑ 40 MHz Clock Rate
❑ Passband (0 to 0.22fS) Ripple: ±0.02 dB
❑ Stopband (0.28fS to 0.5fS) Rejection: 59.4 dB
❑ User-Selectable 2:1 Decimation or 1:2 Interpolation
❑ 12-bit Two’s Complement Input and 16-bit Output with User-Selectable Rounding, 8- to 16-Bits
❑ User-Selectable Two’s Complement or Inverted Offset Binary Output Formats
❑ Three-State Outputs
❑ Replaces TRW/ Raytheon/ Fairchild TMC2242
❑ Package Styles Available:
    • 44-pin PLCC, J-Lead
    • 44-pin PQFP




Similar Part No. - LF2242

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF224 ETC-LF224 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
11 x 10-bit Image Filter
LF2246QC15 LODEV-LF2246QC15 Datasheet
248Kb / 7P
11 x 10-bit Image Filter
LF2246QC25 LODEV-LF2246QC25 Datasheet
248Kb / 7P
11 x 10-bit Image Filter
LF2247 LODEV-LF2247 Datasheet
259Kb / 10P
Image Filter with Coefficient RAM
More results


Similar Description - LF2242

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
fujitsu semiconductor
MB86060 FUJITSU-MB86060 Datasheet
105Kb / 6P
16-Bit Interpolating Digital to Analog Converter
logo
Intersil Corporation
DECIMATE INTERSIL-DECIMATE Datasheet
48Kb / 5P
Decimating Digital Filter Development Software
May 1999
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
Decimating/Interpolating Digital Filter
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Intersil Corporation
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
Decimating Digital Filter
March 1999
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
Decimating Digital Filter
July 2004
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
Decimating Digital Filter
October 10, 2008
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
Decimating Digital Filter
Oct 10, 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com