Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2242 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # LF2242
Description  12/16-bit Half-Band Interpolating/ Decimating Digital Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2242 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  LF2242 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 8Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DEVICES INCORPORATED
LF2242
12/16-bit Half-Band Interpolating/
Decimating Digital Filter
Video Imaging Products
2
08/16/2000–LDS.2242-K
Controls
INT — Interpolation Control
When INT is LOW and DEC is HIGH
(Table 1), the device internally forces
every other incoming data sample to
zero. This effectively halves the input
data rate and the output amplitude.
DEC — Decimation Control
When DEC is LOW and INT is HIGH
(Table 1), the output register is strobed on
every other rising edge of CLK (driven at
halftheclockrate),decimatingtheoutput
data stream.
FIGURE 1.
FREQUENCY RESPONSE OF FILTER
SIGNAL DEFINITIONS
Power
VCC and GND
+5 V power supply. All pins must be
connected.
Clock
CLK — Master Clock
The rising edge of CLK strobes all regis-
ters. All timing specifications are refer-
enced to the rising edge of CLK.
SYNC — Synchronization Control
Incoming data is synchronized by hold-
ing SYNC HIGH on CLKN, and then by
bringing SYNC LOW on CLKN+1 with
the first word of input data. SYNC is held
LOW until resynchronization is desired,
or it can be toggled at half the clock rate.
For interpolation (INT = LOW), input
data should be presented at the first ris-
ing edge of CLK for which SYNC is LOW
and then at every alternate rising edge of
CLK thereafter. SYNC is inactive if DEC
and INT are equal (pass-through mode).
Inputs
SI11–0 — Data Input
12-bit two’s complement data input
port. Data is latched into the register on
the rising edge of CLK. The LSB is SI0
(Figure 2).
Outputs
SO15-0 Data Output
The current 16-bit result is available on
the SO15-0 outputs. The LF2242’s limiter
ensures that a valid full-scale (7FFF
positive or 8000 negative) output will be
generated in the event of an internal
overflow. The LSB is SO0 (Figure 2).
0
0.1
ƒ
S
0.2
ƒ
S
0.3
ƒ
S
0.4
ƒ
S
0.5
ƒ
S
FREQUENCY (NORMALIZED)
0
–10
–20
–30
–40
–50
–60
–70
–80
INT
DEC
MODE
0
0
Pass-through*
0
1
Interpolate
1
0
Decimate
1
1
Pass-through*
*Input and output registers run at full
clock rate
TABLE 1.
MODE SELECTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com