| Manufacturer | Part # | Datasheet | Description |
 National Semiconductor ... |
LM9810
|
148Kb / 21P |
LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
|
 Wolfson Microelectronic... |
WM8146
|
195Kb / 17P |
12-bit(84-bit) Linear Sensor Image Processor
|
 Maxim Integrated Produc... |
MAX19707
|
541Kb / 37P |
10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07 |
|
MAX19713
|
879Kb / 37P |
10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06 |
 Texas Instruments |
VSP2590
|
583Kb / 36P |
DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
|
 Microchip Technology |
MCP2036
|
669Kb / 30P |
Inductive Sensor Analog Front End Device
2009 |
 Texas Instruments |
VSP7500
|
342Kb / 13P |
FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
|
 Maxim Integrated Produc... |
MAX19712
|
770Kb / 36P |
10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06 |
|
MAX19711
|
957Kb / 36P |
10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06 |
|
MAX19710
|
818Kb / 37P |
10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06 |