Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX19711 Datasheet (PDF) - Maxim Integrated Products

MAX19711 Datasheet PDF - Maxim Integrated Products
Part # MAX19711
Download  MAX19711 Download
File Size   957.51 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 11Msps, Full-Duplex Analog Front-End

MAX19711 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX19711 Datasheet PDF - Maxim Integrated Products

Part # MAX19711
Download  MAX19711 Click to download

File Size   957.51 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 11Msps, Full-Duplex Analog Front-End

MAX19711 Datasheet (HTML) - Maxim Integrated Products


MAX19711 Product details

General Description
The MAX19711 is an ultra-low-power, highly integrated mixed-signal analog front-end (AFE) ideal for CDMA communication applications operating in full-duplex (FD) mode. Optimized for high dynamic performance and ultra-low power, the device integrates a dual 10-bit, 11Msps receive (Rx) ADC; dual 10-bit, 11Msps transmit (Tx) DAC with CDMA baseband filters; three fast-settling 12-bit aux-DAC channels for ancillary RF front-end control; and a 10-bit, 333ksps housekeeping aux-ADC. The typical operating power in FD mode is 37.5mW/42.7mW at a 4.915MHz/11MHz clock frequency.

Features
♦ Dual 10-Bit, 11Msps Rx ADC and Dual 10-Bit,
   11Msps Tx DAC
♦ Ultra-Low Power
   37.5mW/42.7mW at fCLK = 4.915MHz/11MHz,
   FD Mode
   24.3mW at fCLK = 11MHz, Slow Rx Mode
   34.5mW at fCLK = 11MHz, Slow Tx Mode
   Low-Current Standby and Shutdown Modes
♦ Integrated CDMA Filters with > 64dBc Stopband
   Rejection
♦ Programmable Tx DAC Common-Mode DC Level
   and I/Q Offset Trim
♦ Excellent Dynamic Performance
   SNR = 54.8dB at fIN = 1.875MHz (Rx ADC)
   SFDR = 75dBc at fOUT = 620kHz (Tx DAC)
♦ Three 12-Bit, 1µs Aux-DACs
♦ 10-Bit, 333ksps Aux-ADC with 4:1 Input Mux and
   Data Averaging
♦ Excellent Gain/Phase Match
   ±0.01° Phase, ±0.01dB Gain (Rx ADC) at
   fIN = 1.87MHz
♦ Multiplexed Parallel Digital I/O
♦ Serial-Interface Control
♦ Versatile Power-Control Circuits
   Shutdown, Standby, Idle, Tx/Rx Disable
♦ Miniature 56-Pin Thin QFN Package
   (7mm x 7mm x 0.8mm)

Applications
   CDMA Handsets
   CDMA Data Cards
   Portable Communication Equipment




Similar Part No. - MAX19711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19711EVCMODU+ MAXIM-MAX19711EVCMODU+ Datasheet
685Kb / 21P
Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19711EVKIT+ MAXIM-MAX19711EVKIT+ Datasheet
685Kb / 21P
Low-Voltage and Low-Power Operation
Rev 1; 6/07
More results


Similar Description - MAX19711

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
National Semiconductor ...
TP5510 NSC-TP5510 Datasheet
197Kb / 12P
Full Duplex Analog Front End for Consumer Applications
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
10/12-Bit Image Sensor Processor Analog Front End
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com