Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX19713 Datasheet (PDF) - Maxim Integrated Products

MAX19713 Datasheet PDF - Maxim Integrated Products
Part # MAX19713
Download  MAX19713 Download
File Size   879.51 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 45Msps, Full-Duplex Analog Front-End

MAX19713 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX19713 Datasheet PDF - Maxim Integrated Products

Part # MAX19713
Download  MAX19713 Click to download

File Size   879.51 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, 45Msps, Full-Duplex Analog Front-End

MAX19713 Datasheet (HTML) - Maxim Integrated Products


MAX19713 Product details

General Description
The MAX19713 is an ultra-low-power, highly integrated mixed-signal analog front-end (AFE) ideal for wideband communication applications operating in full-duplex (FD) mode. Optimized for high dynamic performance and ultra low power, the device integrates a dual 10-bit, 45Msps receive (Rx) ADC; dual 10-bit, 45Msps transmit (Tx) DAC; three fast-settling 12-bit aux-DAC channels for ancillary RF front-end control; and a 10-bit, 333ksps housekeeping aux-ADC. The typical operating power in FD mode is 91.8mW at a 45MHz clock frequency.
The Rx ADCs feature 54dB SINAD and 72.2dBc SFDR at 5.5MHz input frequency with a 45MHz clock frequency. The analog I/Q input amplifiers are fully differential and accept 1.024VP-P full-scale signals. Typical I/Q channel matching is ±0.03 phase and ±0.02dB gain.

Features
● Dual 10-Bit, 45Msps Rx ADC and Dual 10-Bit,
   45Msps Tx DAC
● Ultra-Low Power
   • 91.8mW at fCLK = 45MHz, FD Mode
   • 79.2mW at fCLK = 45MHz, Slow Rx Mode
   • 49.5mW at fCLK = 45MHz, Slow Tx Mode
   • Low-Current Standby and Shutdown Modes
● Programmable Tx DAC Common-Mode DC Level
   and I/Q Offset Trim
● Excellent Dynamic Performance
   • SNR = 54.1dB at fIN = 5.5MHz (Rx ADC)
   • SFDR = 70.3dBc at fOUT = 2.2MHz (Tx DAC)
● Three 12-Bit, 1μs Aux-DACs
● 10-Bit, 333ksps Aux-ADC with 4:1 Input Mux and
   Data Averaging
● Excellent Gain/Phase Match
   • ±0.03° Phase, ±0.02dB Gain (Rx ADC) at
      fIN = 5.5MHz
● Multiplexed Parallel Digital I/O
● Serial-Interface Control
● Versatile Power-Control Circuits
   • Shutdown, Standby, Idle, Tx/Rx Disable
● Miniature 56-Pin TQFN Package
   (7mm x 7mm x 0.8mm)

Applications
● WiMAX CPEs
● 801.11a/b/g WLAN
● VoIP Terminals
● Portable Communication Equipment




Similar Part No. - MAX19713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19713EVCMODU+ MAXIM-MAX19713EVCMODU+ Datasheet
685Kb / 21P
Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19713EVKIT+ MAXIM-MAX19713EVKIT+ Datasheet
685Kb / 21P
Low-Voltage and Low-Power Operation
Rev 1; 6/07
More results


Similar Description - MAX19713

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
National Semiconductor ...
TP5510 NSC-TP5510 Datasheet
197Kb / 12P
Full Duplex Analog Front End for Consumer Applications
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
10/12-Bit Image Sensor Processor Analog Front End
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com