Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3725A Datasheet (PDF) - NEC

UPD3725A Datasheet PDF - NEC
Part # UPD3725A
Download  UPD3725A Download
File Size   183.35 Kbytes
Page   22 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5000-BIT x 3 CCD COLOR LINEAR IMAGE SENSOR

UPD3725A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD3725A Datasheet PDF - NEC

Part # UPD3725A
Download  UPD3725A Click to download

File Size   183.35 Kbytes
Page   22 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5000-BIT x 3 CCD COLOR LINEAR IMAGE SENSOR

UPD3725A Datasheet (HTML) - NEC


UPD3725A Product details

5000-BIT × 3 CCD COLOR LINEAR IMAGE SENSOR

The µPD3725A is a high sensitivity 5000-bit × 3 CCD (Charge Coupled Device) color linear image sensor which changes optical images to electrical signal and has the function of color separation.
The µPD3725A has 3 rows of 5000-bit photocell array and 6 rows of 2500-bit charge transferred register, so it is suitable for high resolution color image scanners and digital color copiers.

FEATURES
• Valid photocell : 5000-bit × 3
• Photocells pitch : 14 µm
• Line distance : 112 µm (8 lines) R(red) bit-G(green) bit, Gbit-B(blue)bit
• Color filter : Primary colors (red, green and blue), pigment filter (with light resistance 107lx•Hour)
• Resolution : 16 dot/mm across the shorter side of a B4-size (257 × 364 mm) sheet
• Drive clock level : CMOS output under 5 V operation
• Data rate : 16 MHz MAX.
• High speed scan : 320 µs/line
• Power supply : +12 V




Similar Part No. - UPD3725A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720ACY NEC-UPD3720ACY Datasheet
154Kb / 20P
2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728 NEC-UPD3728 Datasheet
154Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728D NEC-UPD3728D Datasheet
154Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728DZ NEC-UPD3728DZ Datasheet
213Kb / 28P
7300 PIXELS x3 COLOR CCD LINEAR IMAGE SENSOR
More results


Similar Description - UPD3725A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3719 NEC-UPD3719 Datasheet
147Kb / 20P
10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728 NEC-UPD3728 Datasheet
154Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3729 NEC-UPD3729 Datasheet
109Kb / 20P
5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3739 NEC-UPD3739 Datasheet
127Kb / 24P
5000 PIXELS CCD LINEAR IMAGE SENSOR
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Sony Corporation
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
5000-pixel X 3 line CCD Linear Sensor (Color)
logo
NEC
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3571 NEC-UPD3571 Datasheet
225Kb / 10P
5000 BIT CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
5000 PIXELS CCD LINEAR IMAGE SENSOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com