Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3739 Datasheet (PDF) - NEC

UPD3739 Datasheet PDF - NEC
Part # UPD3739
Download  UPD3739 Download
File Size   127.64 Kbytes
Page   24 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5000 PIXELS CCD LINEAR IMAGE SENSOR

UPD3739 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD3739 Datasheet PDF - NEC

Part # UPD3739
Download  UPD3739 Click to download

File Size   127.64 Kbytes
Page   24 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5000 PIXELS CCD LINEAR IMAGE SENSOR

UPD3739 Datasheet (HTML) - NEC


UPD3739 Product details

5000 PIXELS CCD LINEAR IMAGE SENSOR

The µPD3739 is a CCD (Charge Coupled Device) linear image sensor which changes optical images to electrical signal.
The µPD3739 is a 2-output type CCD sensor with 2 rows of high-speed charge transfer register, which transfers the photo signal electrons of 5000 pixels separately in odd and even pixels. It is developed as the higher sensitivity version of the previous device, the µPD35H71A. It is suitable for 400 dpi/A3 high-speed digital copiers, OCRs and high-end business facsimiles.

FEATURES
• Valid photocell : 5000 pixels
• Photocell’s pitch : 7 µm
• High sensitivity : 9.0 V/lx·s TYP. (Light source: Daylight color fluorescent lamp)
• Low image lag : 1 % MAX.
• Peak response wavelength : 550 nm (green)
• Resolution : 16 dot/mm (400 dpi) A3 (297 × 420 mm) size (shorter side)
• Data rate : 40 MHz MAX. (20 MHz/1 output)
• Output type : 2 outputs out of phase (2 outputs in phase also supported)
• Power supply : +12 V
• Drive clock level : CMOS output under 5 V operation
• On-chip circuit : Automatic φR level adjuster
• Pin assign : Functional compatible with the µPD35H71A




Similar Part No. - UPD3739

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3739 RENESAS-UPD3739 Datasheet
411Kb / 26P
MOS INTEGRATED CIRCUIT
1997
UPD3739D-A RENESAS-UPD3739D-A Datasheet
411Kb / 26P
MOS INTEGRATED CIRCUIT
1997
More results


Similar Description - UPD3739

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3729 NEC-UPD3729 Datasheet
109Kb / 20P
5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3734A NEC-UPD3734A Datasheet
137Kb / 20P
2660 PIXELS CCD LINEAR IMAGE SENSOR
UPD3747 NEC-UPD3747 Datasheet
122Kb / 5P
7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
Linear CCD Image Sensor (2048 Pixels)
logo
NEC
UPD8670A NEC-UPD8670A Datasheet
274Kb / 28P
7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S11454EJ3V0DS00 RENESAS-S11454EJ3V0DS00_15 Datasheet
335Kb / 22P
2660 PIXELS CCD LINEAR IMAGE SENSOR
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
5000 PIXELS CCD LINEAR IMAGE SENSOR
S14892EJ4V0DS00 RENESAS-S14892EJ4V0DS00_15 Datasheet
304Kb / 22P
7400 PIXELS CCD LINEAR IMAGE SENSOR
S17147EJ2V0DS00 RENESAS-S17147EJ2V0DS00_15 Datasheet
362Kb / 30P
7400 PIXELS CCD LINEAR IMAGE SENSOR
PD8670 RENESAS-PD8670_15 Datasheet
368Kb / 30P
7400 PIXELS CCD LINEAR IMAGE SENSOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com