Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3734A Datasheet (PDF) - NEC

UPD3734A Datasheet PDF - NEC
Part # UPD3734A
Download  UPD3734A Download
File Size   137.61 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2660 PIXELS CCD LINEAR IMAGE SENSOR

UPD3734A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD3734A Datasheet PDF - NEC

Part # UPD3734A
Download  UPD3734A Click to download

File Size   137.61 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2660 PIXELS CCD LINEAR IMAGE SENSOR

UPD3734A Datasheet (HTML) - NEC


UPD3734A Product details

2660 PIXELS CCD LINEAR IMAGE SENSOR

The µPD3734A is a high sensitivity CCD (Charge Coupled Device) linear image sensor which changes optical images to electrical signal.
The µPD3734A has 2660 pixels and an output amplifier which has high gain and wide output range, but low noise.
Built-in sample and hold circuit converts and outputs independent signal from CCD register in every pixel to continuous video signal. So it is easy to interface to A/D converter or Bi-level converter.

FEATURES
• Valid photocell : 2660 pixels
• Photocell’s pitch : 11 µm
• High sensitivity : 70 V/lx·s TYP.
• Peak response wavelength : 550 nm (green)
• Resolution : 12 dot/mm A4 (210 × 297 mm) size (shorter side)
                      300 dpi US letter (8.5” × 11”) size (shorter side)
• Power supply : +12 V
• Drive clock level : CMOS output under 5 V operation
• High speed scan : 0.54 ms/line (S/H in used)
• Built-in circuit : Sample and hold circuit
                           Reset feed-through level clamp circuit
                           Clamp pulse generation circuit
                           Voltage amplifier
• Low noise : A quarter of the µPD3734
• Low image lag : 1 % MAX.
• Pin assign : Compatible with the µPD3734




Similar Part No. - UPD3734A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3734A RENESAS-UPD3734A Datasheet
340Kb / 22P
MOS INTEGRATED CIRCUIT
1996
UPD3734ACY-A RENESAS-UPD3734ACY-A Datasheet
340Kb / 22P
MOS INTEGRATED CIRCUIT
1996
More results


Similar Description - UPD3734A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3739 NEC-UPD3739 Datasheet
127Kb / 24P
5000 PIXELS CCD LINEAR IMAGE SENSOR
UPD3747 NEC-UPD3747 Datasheet
122Kb / 5P
7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
Linear CCD Image Sensor (2048 Pixels)
logo
NEC
UPD8670A NEC-UPD8670A Datasheet
274Kb / 28P
7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S11454EJ3V0DS00 RENESAS-S11454EJ3V0DS00_15 Datasheet
335Kb / 22P
2660 PIXELS CCD LINEAR IMAGE SENSOR
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
5000 PIXELS CCD LINEAR IMAGE SENSOR
S13158EJ4V0DS00 RENESAS-S13158EJ4V0DS00_15 Datasheet
291Kb / 22P
5150 PIXELS CCD LINEAR IMAGE SENSOR
S14892EJ4V0DS00 RENESAS-S14892EJ4V0DS00_15 Datasheet
304Kb / 22P
7400 PIXELS CCD LINEAR IMAGE SENSOR
S17147EJ2V0DS00 RENESAS-S17147EJ2V0DS00_15 Datasheet
362Kb / 30P
7400 PIXELS CCD LINEAR IMAGE SENSOR
PD8670 RENESAS-PD8670_15 Datasheet
368Kb / 30P
7400 PIXELS CCD LINEAR IMAGE SENSOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com