Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2250A Datasheet (PDF) - Cadeka Microcircuits LLC.

TMC2250A Datasheet PDF - Cadeka Microcircuits LLC.
Part # TMC2250A
Download  TMC2250A Download
File Size   295.16 Kbytes
Page   23 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Matrix Multiplier 12 x 10 bit, 50 MHz

TMC2250A Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC2250A Datasheet PDF - Cadeka Microcircuits LLC.

Part # TMC2250A
Download  TMC2250A Click to download

File Size   295.16 Kbytes
Page   23 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Matrix Multiplier 12 x 10 bit, 50 MHz

TMC2250A Datasheet (HTML) - Cadeka Microcircuits LLC.


TMC2250A Product details

Description
The TMC2250A is a flexible high-performance nine-multiplier array VLSI circuit which can execute a cascadeable 9-tap FIR filter, a cascadeable 4 x 2 or 3 x 3-pixel image convolution, or a 3 x 3 color space conversion. All configurations offer throughput at up to the maximum guaranteed 50 MHz clock rate with 12-bit data and 10-bit coefficients. All inputs and outputs are registered on the rising edges of the clock.

Features
• Four user-selectable filtering and transformation functions:
    – Triple dot product (3 x 3) matrix multiply
    – Cascadeable 9-tap systolic FIR filter
    – Cascadeable 3 x 3-pixel image convolver
    – Cascadeable 4 x 2-pixel image convolver
• 50 MHz (20ns) pipelined throughput
• 12-bit input and output data, 10-bit coefficients
• 6-bit cascade input and output ports in all filter modes
• Onboard coefficient storage, with three-cycle updating of all nine coefficients

Applications
• Image filtering and manipulation
• Video effects generation
• Video standards conversion and encoding/decoding
• Three-dimensional image manipulation
• Medical image processing
• Edge detection for object recognition
• FIR filtering for communications systems




Similar Part No. - TMC2250A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2250A FAIRCHILD-TMC2250A Datasheet
186Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C FAIRCHILD-TMC2250AG1C Datasheet
186Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C2 FAIRCHILD-TMC2250AG1C2 Datasheet
186Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C3 FAIRCHILD-TMC2250AG1C3 Datasheet
186Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AH5C FAIRCHILD-TMC2250AH5C Datasheet
186Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
More results


Similar Description - TMC2250A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734 AD-AD734 Datasheet
213Kb / 12P
10 MHz, 4-Quadrant Multiplier/Divider
REV.C
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
Digital Mixer 12 x 12 Bit, 60 MHz
TMC2250A FAIRCHILD-TMC2250A Datasheet
186Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
12 x 10-bit Matrix Multiplier
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
12 x 12-bit Multiplier-Accumulator
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
12-bit Cascadable Multiplier-Summer
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
16 X 12 BIT COMPLEX MULTIPLIER
logo
Analog Devices
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
REV. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com