Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS12 Datasheet (PDF) - LOGIC Devices Incorporated

LMS12 Datasheet PDF - LOGIC Devices Incorporated
Part # LMS12
Download  LMS12 Download
File Size   195.44 Kbytes
Page   9 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 12-bit Cascadable Multiplier-Summer

LMS12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMS12 Datasheet PDF - LOGIC Devices Incorporated

Part # LMS12
Download  LMS12 Click to download

File Size   195.44 Kbytes
Page   9 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 12-bit Cascadable Multiplier-Summer

LMS12 Datasheet (HTML) - LOGIC Devices Incorporated


LMS12 Product details

DESCRIPTION
The LMS12 is a high-speed 12 x 12-bit combinatorial multiplier integrated with a 26-bit adder in a single 84-pin package. It is an ideal building block for the implementation of very highspeed FIR filters for video, RADAR, and other similar applications. The LMS12 implements the general form (A•B) + C. As a result, it is also useful in implementing polynomial approximations to transcendental functions.

FEATURES
❑ 12 x 12-bit Multiplier with Pipelined 26-bit Output Summer
❑ Summer has 26-bit Input Port Fully Independent from Multiplier Inputs
❑ Cascadable to Form Video Rate FIR Filter with 3-bit Headroom
❑ A, B, and C Input Registers Separately Enabled for Maximum Flexibility
❑ 28 MHz Data Rate for FIR Filtering Applications
❑ High Speed, Low Power CMOS Technology
❑ 84-pin PLCC, J-Lead




Similar Part No. - LMS12

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LMS12 GOOD-ARK-LMS12 Datasheet
199Kb / 4P
Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 20~40V Output Current 1A
logo
SICK AG
LMS121-10000 SICK-LMS121-10000 Datasheet
993Kb / 6P
2D LASER SCANNERS
2016-03-19
LMS122-10000 SICK-LMS122-10000 Datasheet
949Kb / 6P
2D LASER SCANNERS
2016-03-19
logo
Texas Instruments
LMS1225 TI2-LMS1225 Datasheet
925Kb / 15P
LMS1225 22.5V, 270μΩ, MOSFET With Integrated Driver and Dead Time Compensation
MARCH 2026
logo
SICK AG
LMS123-10000 SICK-LMS123-10000 Datasheet
935Kb / 6P
2D LASER SCANNERS
2016-03-19
More results


Similar Description - LMS12

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2090RBF UMS-CHX2090RBF Datasheet
151Kb / 6P
12-24GHz Frequency Multiplier
logo
Fairchild Semiconductor
TMC2250A FAIRCHILD-TMC2250A Datasheet
186Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
12 x 10-bit Matrix Multiplier
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
16 X 12 BIT COMPLEX MULTIPLIER
logo
United Monolithic Semic...
CHX2090-QDG UMS-CHX2090-QDG Datasheet
323Kb / 10P
12-24GHz Frequency Multiplier
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
logo
United Monolithic Semic...
CHX2090 UMS-CHX2090_15 Datasheet
88Kb / 4P
12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG_15 Datasheet
160Kb / 10P
12-24GHz Frequency Multiplier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com