| Electronic Components Datasheet Search |
|
LMS12 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated |
|
|
|||||||||||||||||||||||||||||
LMS12 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated |
|
2 / 9 page ![]() DEVICES INCORPORATED LMS12 12-bit Cascadable Multiplier-Summer Multiplier-Summers 08/16/2000–LDS.S12-J 2 FIGURE 1. FLOW DIAGRAM FOR 5-TAP FIR FILTER A3 h3 A4 h4 Z–1 A2 h2 A1 h1 h0 y(n) x(n) y(n) h0 h1 h2 h3 h4 x(n) Z–1 Z–1 Z–1 Z–1 Z–1 Z–1 Z–1 Z–1 A0 APPLICATIONS The LMS12 is designed specifically for high-speed FIR filtering applications requiring a throughput rate of one output sample per clock period. By cascading LMS12 units, the transpose form of the FIR transfer function is implemented directly, with each of the LMS12 units supplying one of the filter weights, and the cascaded summers accumulating the results. The signal flow graph for a 5-tap FIR filter and the equivalent implementa- tion using LMS12’s is shown in Figure 1. The operation of the 5-tap FIR filter implementation of Figure 1 is depicted in Table 1. The filter weights h4 - h0 are assumed to be latched in the B input registers of the LMS12 units. The x(n) data is applied in parallel to the A input registers of all devices. For descriptive purposes in the table, the A register contents and sum output data of each device is labelled according to the index of the weight applied by that device; i.e., S0 is produced by the rightmost device, which has h0 as its filter weight and A0 as its input register contents. Each column represents one clock cycle, with the data passing a particular point in the system illustrated across each row. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |