Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPD-425C Datasheet (PDF) - BOSER Technology Co., Ltd

MPD-425C Datasheet PDF - BOSER Technology Co., Ltd
Part # MPD-425C
Download  MPD-425C Download
File Size   57.86 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 250W DC-DC Power Supply Input Range: 19~32VDC

MPD-425C Datasheet (PDF)

Go To PDF Page Download Datasheet
MPD-425C Datasheet PDF - BOSER Technology Co., Ltd

Part # MPD-425C
Download  MPD-425C Click to download

File Size   57.86 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 250W DC-DC Power Supply Input Range: 19~32VDC

MPD-425C Datasheet (HTML) - BOSER Technology Co., Ltd


MPD-425C Product details

Features
* Input Voltage: 19~32VDC
* Input Current: Max. 8A at 24VDC
* Inrush Current: Does not exceed 10A at 24VDC input, cold start at 25oC
* Ripple and Noise: < +/-1% peak to peak ripple and noise for each output
* Line Regulation: < +/-1% at rated load with +/-10% change in input voltage
* Load Regulation: +/-4% for +5V, +/-5% for +12V, +/-3% for -12V and -5V
* Power Good Signal: Goes high 100~500ms after all DC output are ready
* Power Failure: Goes low 0.5ms before any DC output falls
* Efficiency: 70% typical at nominal line and rated load
* Altitude: 10,000 feet
* Protection:
    Input: Protection against wrong polarity if 24VDC input is inversely connected by mistake
    Output: Built-in over voltage protection. Trip point of crowbar circuit is between 5.9~7.0V. Hiccup mode against short circuit or over load conditions auto recovery when faulty conditions are removed
* Temperature: 0~+50oC (operating); -40~+75oC (storage)
* Humidity: 5~95%; non-condensing at 40oC (operating)
* Connectors:
    Input: Three positions terminal block
    DC Output: Output provides one AT type P8/P9 and two disk drive connector
    To Switch: Female disconnects for tab size 0.250" x 0.032"
* Dimensions: 14.0 x 15.0 x 8.62 cm with +/-0.8mm and +/- 0.4mm tolerance between mounting holes
* MTBF: 186,909 hrs.




Similar Part No. - MPD-425C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPD-425V ETC-MPD-425V Datasheet
257Kb / 1P
250W DC-DC POWER SUPPLY INPUT RANGE: 40~57VDC
logo
BOSER Technology Co., L...
MPD-425V BOSER-MPD-425V Datasheet
58Kb / 1P
250W DC-DC Power Supply Input Range: 40~57VDC
More results


Similar Description - MPD-425C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPD-425V ETC-MPD-425V Datasheet
257Kb / 1P
250W DC-DC POWER SUPPLY INPUT RANGE: 40~57VDC
logo
BOSER Technology Co., L...
BPW-830C BOSER-BPW-830C Datasheet
78Kb / 1P
300W DC-DC ATX power supply Input Range: 19~32VDC
BPW-830V BOSER-BPW-830V Datasheet
78Kb / 1P
300W DC-DC ATX power supply Input Range: -40~-72VDC
MPD-425V BOSER-MPD-425V Datasheet
58Kb / 1P
250W DC-DC Power Supply Input Range: 40~57VDC
MPI-925A BOSER-MPI-925A Datasheet
89Kb / 1P
250W AC-DC AT Power Supply
ZKS-250AE BOSER-ZKS-250AE Datasheet
66Kb / 1P
250W AC-DC AT Power Supply
ZKS-250WX BOSER-ZKS-250WX Datasheet
60Kb / 1P
250W AC-DC ATX Power Supply supports ATX2.03
logo
Murata Manufacturing Co...
MVAC250 MURATA-MVAC250 Datasheet
379Kb / 7P
250W High Density AC/DC Power Supply
MVAC250 MURATA-MVAC250_13 Datasheet
348Kb / 8P
250W High Density AC-DC Power Supply
logo
List of Unclassifed Man...
EFRD-S2257HPM ETC2-EFRD-S2257HPM Datasheet
467Kb / 2P
DC To DC 250W ERP1U Redundant Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com