Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI-815H Datasheet (PDF) - BOSER Technology Co., Ltd

MPI-815H Datasheet PDF - BOSER Technology Co., Ltd
Part # MPI-815H
Download  MPI-815H Download
File Size   140.1 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 150W AC-DC ATX Open Frame Power Aupply

MPI-815H Datasheet (PDF)

Go To PDF Page Download Datasheet
MPI-815H Datasheet PDF - BOSER Technology Co., Ltd

Part # MPI-815H
Download  MPI-815H Click to download

File Size   140.1 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 150W AC-DC ATX Open Frame Power Aupply

MPI-815H Datasheet (HTML) - BOSER Technology Co., Ltd


MPI-815H Product details

Features
* Input Voltage: 85~264VAC
* Input Frequency: 47~63Hz
* Inrush Current: The maximum inrush current is 6A at 115VAC or 3A at 230VAC
* Load Range: At the factory, the +5V output is set between 5.08~5.13V and all output at 60% rated load, and the other output is checked to be within the accuracy range. The maximum total combined output power on the 3.3V and 5V rails is 90W. The maximum load cannot be exceed 150W
* Ripple And Noise: The peak to peak ripple and noise for +5V, 3.3V output are less than 50mV for +5Vsb is 100mV, for +12 V is less than 100mV, for -12V is less than 150mV at ranted load and nominal input, which is measured by a 15MHz bandwidth limited oscilloscope and the each output is connected with a 0.47uF capacitor
* Line Regulation: The line regulation is less than +/-1% at rated load with +/-10% change in input voltage
* Load Regulation: The load regulation for +5V is less than +/- 2 %, for +12V is less than +/-5%, for +3.3 and -12V is less than +/-5% while the measuring is done by changing the measured output loading +/-40% from 60% rated load, and keep other output is at 60% rated load
* Hold Up Time: The hold up time is longer than 16mS at
1 15VAC input and rated load
* Power On/Off: The power supply will be turned on when the power On/Off pin is connected to secondary GND
* Power Good Signal: The power is turned on, the power good signal will go high between 100 ms to 500 ms after all output DC voltage are within regulation limits
* Power Fail Signal: The power fail signal will go low at least 1ms before any of the output voltages fall below the regulation limits
* Efficiency: The efficiency is higher than 70% while measuring at nominal line and rated load
* Altitude: 0~10,000ft
* Protection: The power supply will generate the hiccup mode to protect itself against short circuit or over load condition, and will return to normal after wrong condition is removed. The power supply has over voltage protection function
* Over Temp. Protection: When the power supply operating over the temperature limit, the power supply will be shut down automatically to protect itself
* Temperature: 0~+50oC (operating); -20~+70oC (storage)
* Humidity: 10~90% non-condensing
* Dimensions: 19.8 x 9.7 x 4.0 cm




Similar Part No. - MPI-815H

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
MPI-806H BOSER-MPI-806H Datasheet
215Kb / 1P
100W AC-DC Power Supply
MPI-8080 BOSER-MPI-8080 Datasheet
66Kb / 1P
80W AC-DC Open Frame Power Supply Output 100W with Fan Required
More results


Similar Description - MPI-815H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPD-810H ETC1-MPD-810H Datasheet
110Kb / 1P
120W 10~30VDC DC/DC ATX Open Frame Power Supply
logo
CUI INC
VFM05 CUI-VFM05 Datasheet
128Kb / 2P
open frame AC/DC power supply
VFM40 CUI-VFM40 Datasheet
212Kb / 3P
open frame AC/DC power supply
logo
BOSER Technology Co., L...
MPD-810H BOSER-MPD-810H Datasheet
99Kb / 1P
120W 10~30VDC DC-DC ATX Open Frame Power Supply
logo
List of Unclassifed Man...
CFM150M ETC2-CFM150M Datasheet
569Kb / 2P
150W MEDICAL OPEN FRAME AC-DC MODULES WITH PFC
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
Open Frame AC-DC Power Supplies
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
AC/DC Open Frame Power Supplies
PSSBU58 WALL-PSSBU58 Datasheet
94Kb / 2P
AC/DC Open Frame Power Supply
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
AC/DC Open Frame Power Supplies
logo
Astrodyne Corporation
ASD150QV ASTRODYNE-ASD150QV Datasheet
310Kb / 4P
150W, Open Frame Quarter Brick DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com